Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9680-500EBZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9680-500EBZ
Szczegółowy opis  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9680-500EBZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9680-500EBZ Datasheet HTML 2Page - Analog Devices AD9680-500EBZ Datasheet HTML 3Page - Analog Devices AD9680-500EBZ Datasheet HTML 4Page - Analog Devices AD9680-500EBZ Datasheet HTML 5Page - Analog Devices AD9680-500EBZ Datasheet HTML 6Page - Analog Devices AD9680-500EBZ Datasheet HTML 7Page - Analog Devices AD9680-500EBZ Datasheet HTML 8Page - Analog Devices AD9680-500EBZ Datasheet HTML 9Page - Analog Devices AD9680-500EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 6 of 97
AD9680-500
AD9680-820
AD9680-1000
AD9680-1250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
POWER CONSUMPTION
Total Power Dissipation
(Including Output
Drivers)2
Full
2.2
2.9
3.3
3.7
W
Total Power Dissipation
(L = 2 Mode)
25°C
2.1
N/A3
N/A3
N/A3
W
Power-Down Dissipation
Full
700
820
835
1030
mW
Standby4
Full
1.2
1.3
1.4
1.66
W
1
All lanes running. Power dissipation on DRVDD changes with lane rate and number of lanes used.
2
Default mode. No DDCs used. L = 4, M = 2, F = 1.
3
N/A means not applicable. At the maximum sample rate, it is not applicable to use L = 2 mode on the JESD204B output interface because this exceeds the maximum
lane rate of 12.5 Gbps. L = 2 mode is supported when the equation ((M × N΄ × (10/8) × fOUT)/L) results in a line rate that is ≤12.5 Gbps. fOUT is the output sample rate and
is denoted by fS/DCM, where DCM is the decimation ratio.
4
Can be controlled by the SPI.
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate for each speed grade, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, TA = 25°C, unless otherwise noted.
Table 2.
AD9680-500
AD9680-820
AD9680-1000
AD9680-1250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
2.06
1.7
1.7
1.58
V p-p
NOISE DENSITY2
Full
−153
−153
−154
−151.5
dBFS/Hz
SIGNAL-TO-NOISE RATIO
(SNR)3
fIN = 10 MHz
25°C
69.2
67.2
67.2
63.6
dBFS
fIN = 170 MHz
Full
67.8
69.0
65.6
67.0
65.1
66.6
61.5
63.2
dBFS
fIN = 340 MHz
25°C
68.6
66.5
65.3
62.8
dBFS
fIN = 450 MHz
25°C
68.0
65.1
64.0
62.2
dBFS
fIN = 765 MHz
25°C
64.4
64.0
61.5
61.1
dBFS
fIN = 985 MHz
25°C
63.8
63.4
60.5
59.2
dBFS
fIN = 1950 MHz
25°C
60.5
59.7
57.0
55.5
dBFS
SNR AND DISTORTION RATIO
(SINAD)3
fIN = 10 MHz
25°C
69.0
67.1
67.1
63.5
dBFS
fIN = 170 MHz
Full
67.6
68.8
65.2
66.8
65.0
66.4
61.4
62.8
dBFS
fIN = 340 MHz
25°C
68.4
66.3
65.2
62.6
dBFS
fIN = 450 MHz
25°C
67.9
64.7
63.8
61.8
dBFS
fIN = 765 MHz
25°C
64.2
63.5
62.1
60.8
dBFS
fIN = 985 MHz
25°C
63.6
62.7
61.1
58.2
dBFS
fIN = 1950 MHz
25°C
60.3
58.7
56.0
51.5
dBFS
EFFECTIVE NUMBER OF BITS
(ENOB)
fIN = 10 MHz
25°C
11.2
10.9
10.8
10.3
Bits
fIN = 170 MHz
Full
10.9
11.1
10.5
10.8
10.5
10.7
9.9
10.1
Bits
fIN = 340 MHz
25°C
11.1
10.7
10.5
10.1
Bits
fIN = 450 MHz
25°C
11.0
10.5
10.3
10.0
Bits
fIN = 765 MHz
25°C
10.4
10.3
10.0
9.8
Bits
fIN = 985 MHz
25°C
10.3
10.1
9.8
9.4
Bits
fIN = 1950 MHz
25°C
9.7
9.5
9.0
8.3
Bits


Podobny numer części - AD9680-500EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9680-500EBZ AD-AD9680-500EBZ Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
More results

Podobny opis - AD9680-500EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9684 AD-AD9684 Datasheet
1Mb / 64P
   Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
AD9691 AD-AD9691 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
AD9625 AD-AD9625 Datasheet
1Mb / 56P
   12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com