Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1278-2ACPZ-RL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM1278-2ACPZ-RL
Szczegółowy opis  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1278-2ACPZ-RL Arkusz danych(HTML) 4 Page - Analog Devices

  ADM1278-2ACPZ-RL Datasheet HTML 1Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 2Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 3Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 4Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 5Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 6Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 7Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 8Page - Analog Devices ADM1278-2ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
ADM1278
Data Sheet
SPECIFICATIONS
VCC = 4.5 V to 20 V, VCC ≥ VHS+ and VMO+, VHS+ = 2 V to 20 V, VSENSE_HS = (VHS+ − VHS−) = 0 V, TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Operating Voltage Range
VCC
4.5
20
V
Undervoltage Lockout
UVLO
2.4
2.7
V
VCC rising
Undervoltage Hysteresis
90
120
mV
Quiescent Current
ICC
5.5
mA
GATE on and power monitor running
UV PIN
Input Current
IUV
50
nA
UV ≤ 3.6 V
UV Threshold
UVTH
A Grade and AA Grade
0.99
1.0
1.01
V
UV falling
B Grade Only
0.97
1.0
1.03
V
UV falling
UV Threshold Hysteresis
UVHYST
45
60
75
mV
UV Glitch Filter
UVGF
2
7
μs
50 mV overdrive
UV Propagation Delay
UVPD
5
8
μs
UV low to GATE pull-down active
OV PIN
Input Current
IOV
50
nA
OV ≤ 3.6 V
OV Threshold
OVTH
A Grade and AA Grade
0.99
1.0
1.01
V
OV rising
B Grade Only
0.97
1.0
1.03
V
OV rising
OV Threshold Hysteresis
OVHYST
45
60
75
mV
OV Glitch Filter
OVGF
1.5
3.5
μs
50 mV overdrive
OV Propagation Delay
OVPD
3.0
4.0
μs
OV high to GATE pull-down active
HS+ AND HS− PINS
Input Current
ISENSEx
150
μA
Per individual pin; VHS+, VHS− = 20 V
Input Imbalance
IΔSENSE
5
μA
IΔSENSE = (I+ − I)
MO+ AND MO− PINS
Input Current
IMO±
25
nA
Per individual pin; VMO+, VMO− = 20 V
VCAP PIN
Internally Regulated Voltage
VVCAP
A Grade and AA Grade
2.68
2.7
2.72
V
0 µA ≤ IVCAP ≤ 100 µA; CVCAP = 1 μF
B Grade Only
2.66
2.7
2.74
V
0 µA ≤ IVCAP ≤ 100 µA; CVCAP = 1 μF
ISET PIN
Reference Select Threshold
VISETRSTH
1.35
1.5
1.65
V
If VISET > VISETRSTH, an internal 1 V reference (VCLREF) is used
Internal Reference
VCLREF
1
V
Accuracies included in total sense voltage accuracies
Gain of Current Sense
Amplifier
AVCSAMP
50
V/V
Accuracies included in total sense voltage accuracies
Recommended Maximum
Operating Range
VISET
0.25
1.25
V
5 mV to 25 mV VSENSE current limit
Input Current
IISET
100
nA
VISET ≤ VVCAP
GATE PIN
Maximum voltage on the gate is always clamped to ≤31 V
GATE Drive Voltage
ΔVGATE
ΔVGATE = VGATE − VOUT
10
12
14
V
20 V ≥ VCC ≥ 8 V; IGATE ≤ 5 μA
8
10
V
VHS+ = VCC = 5 V; IGATE ≤ 5 μA
7
9
V
VHS+ = VCC = 4.5 V; IGATE ≤ 1 μA
GATE Pull-Up Current
IGATEUP
−20
−30
μA
VGATE = 0 V
GATE Pull-Down Current
IGATEDN
Regulation
IGATEDN_REG
45
60
75
μA
VGATE ≥ 2 V; VISET = 1.0 V; (VHS+ − VHS−) = 30 mV
Slow
IGATEDN_SLOW
5
10
15
mA
VGATE ≥ 2 V
Fast
IGATEDN_FAST
750
1500
2250
mA
VGATE ≥ 12 V; VCC ≥ 12 V
GATE Holdoff Resistance
20
VCC = 0 V, VGATE = 2 V
Rev. A | Page 4 of 61


Podobny numer części - ADM1278-2ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Podobny opis - ADM1278-2ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com