Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM210N Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADUM210N
Szczegółowy opis  5.0 kV rms, Single-Channel Digital Isolator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM210N Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADUM210N Datasheet HTML 5Page - Analog Devices ADUM210N Datasheet HTML 6Page - Analog Devices ADUM210N Datasheet HTML 7Page - Analog Devices ADUM210N Datasheet HTML 8Page - Analog Devices ADUM210N Datasheet HTML 9Page - Analog Devices ADUM210N Datasheet HTML 10Page - Analog Devices ADUM210N Datasheet HTML 11Page - Analog Devices ADUM210N Datasheet HTML 12Page - Analog Devices ADUM210N Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
ADuM210N
Rev. 0 | Page 9 of 15
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 14.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Supply Voltages (VDD1, VDD2)
−0.5 V to +7.0 V
Input Voltage (VI)
−0.5 V to VDDI1 + 0.5 V
Output Voltage (VO)
−0.5 V to VDDO2 + 0.5 V
Average Output Current per Pin3
Side 2 Output Current (IO2)
−10 mA to +10 mA
Common-Mode Transients4
−150 kV/μs to +150 kV/μs
1
VDDI is the input side supply voltage.
2
VDDO is the output side supply voltage.
3
See Figure 2 for the maximum rated current values for various temperatures.
4
Common-mode transients refers to the common-mode transients across the
insulation barrier. Common-mode transients exceeding the absolute
maximum ratings may cause latch-up or permanent damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
Table 15. Maximum Continuous Working Voltage1
Parameter
Rating
Constraint
AC Voltage
Bipolar Waveform
Basic Insulation
849 V peak
50-year minimum insulation lifetime
Reinforced Insulation
789 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-12
Unipolar Waveform
Basic Insulation
1698 V peak
50-year minimum insulation lifetime
Reinforced Insulation
849 V peak
50-year minimum insulation lifetime
DC Voltage
Basic Insulation
1118 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-12
Reinforced Insulation
558 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-12
1
Maximum continuous working voltage refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more
details.
2
Insulation lifetime for the specified test condition is greater than 50 years.
Truth Table
Table 16. Truth Table (Positive Logic)
VI Input1
VDDI State
VDD2 State
Default Low (N0),
VO Output2
Default High (N1),
VO Output2
Test Conditions/
Comments
Low
Powered
Powered
Low
Low
Normal operation
High
Powered
Powered
High
High
Normal operation
X3
Unpowered
Powered
Low
High
Fail-safe output
X3
Powered
Unpowered
Indeterminate
Indeterminate
1
X means don’t care.
2
N0 indicates the ADuM210N0 models and N1 indicates the ADuM210N1 models. See the Ordering Guide.
3
Input pins (VI) on the same side as an unpowered supply must be in a low state to avoid powering the device through its ESD protection circuitry.


Podobny numer części - ADUM210N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200ARWZ AD-ADUM2200ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200BRWZ AD-ADUM2200BRWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201 AD-ADUM2201 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201ARWZ AD-ADUM2201ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
More results

Podobny opis - ADUM210N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
   3.0 kV RMS, Single-Channel Digital Isolator
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com