Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM120N0BRZ-RL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADUM120N0BRZ-RL7
Szczegółowy opis  3.0 kV rms, Dual-Channel Digital Isolators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM120N0BRZ-RL7 Arkusz danych(HTML) 1 Page - Analog Devices

  ADUM120N0BRZ-RL7 Datasheet HTML 1Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 2Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 3Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 4Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 5Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 6Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 7Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 8Page - Analog Devices ADUM120N0BRZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
3.0 kV rms,
Dual-Channel Digital Isolators
Data Sheet
ADuM120N/ADuM121N
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High common-mode transient immunity: 100 kV/µs typical
High robustness to radiated and conducted noise
Low propagation delay
13 ns maximum for 5 V operation
15 ns maximum for 1.8 V operation
150 Mbps minimum data rate
Safety and regulatory approvals (pending)
UL recognition: 3000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 565 V peak
CQC certification per GB4943.1-2011
Backward compatibility
ADuM120N0 pin-compatible with ADuM1285
ADuM120N1 pin-compatible with ADuM1280 and
ADuM1200
ADuM121N0 pin-compatible with ADuM1286
ADuM121N1 pin-compatible with ADuM1281 and
ADuM1201
Low dynamic power consumption
1.8 V to 5 V level translation
High temperature operation: 125°C
Failsafe high or low options
8-lead, RoHS-compliant, SOIC package
Qualified for automotive applications
APPLICATIONS
General-purpose multichannel isolation
Industrial field bus isolation
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
GND1
VDD2
VOA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM120N
Figure 1. ADuM120N Functional Block Diagram
ENCODE
DECODE
DECODE
ENCODE
VDD1
VOA
VIB
GND1
VDD2
VIA
VOB
GND2
1
2
3
4
8
7
6
5
ADuM121N
Figure 2. ADuM121N Functional Block Diagram
GENERAL DESCRIPTION
The ADuM120N/ADuM121N1 are dual-channel digital isolators
based on Analog Devices, Inc., iCoupler® technology. Combining
high speed, complementary metal-oxide semiconductor (CMOS)
and monolithic air core transformer technology, these isolation
components provide outstanding performance characteristics
superior to alternatives such as optocoupler devices and other
integrated couplers. The maximum propagation delay is 13 ns
with a pulse width distortion of less than 3 ns at 5 V operation.
Channel matching is tight at 3.0 ns maximum.
The ADuM120N/ADuM121N data channels are independent and
are available in a variety of configurations with a withstand voltage
rating of 3 kV rms (see the Ordering Guide). The devices operate
with the supply voltage on either side ranging from 1.8 V to 5 V,
providing compatibility with lower voltage systems as well as
enabling voltage translation functionality across the isolation
barrier.
Unlike other optocoupler alternatives, dc correctness is ensured in
the absence of input logic transitions. Two different fail-safe options
are available in which the outputs transition to a predetermined
state when the input power supply is not applied or the inputs
are disabled.
The ADuM120N0 is pin-compatible with the ADuM1285, and
the ADuM120N1 is pin-compatible with the ADuM1280 and
the ADuM1200. The ADuM121N0 is pin-compatible with
ADuM1286, and the ADuM121N0 is pin-compatible with the
ADuM1281 and the ADuM1201.
1
Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.


Podobny numer części - ADUM120N0BRZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200AR AD-ADUM1200AR Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Podobny opis - ADUM120N0BRZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com