Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM210N1BRIZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADUM210N1BRIZ
Szczegółowy opis  5.0 kV rms, Single-Channel Digital Isolator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM210N1BRIZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADUM210N1BRIZ Datasheet HTML 3Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 4Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 5Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 6Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 7Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 8Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 9Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 10Page - Analog Devices ADUM210N1BRIZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADuM210N
Rev. 0 | Page 7 of 15
Table 8. Total Supply Current vs. Data Throughput—1.8 V Operation
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
Supply Current Side 1
IDD1
2.1
3.1
2.3
3.4
3.0
4.2
mA
Supply Current Side 2
IDD2
0.9
1.2
1.2
1.6
2.2
3.2
mA
INSULATION AND SAFETY RELATED SPECIFICATIONS
For additional information, see www.analog.com/icouplersafety.
Table 9.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L (I01)
8.0
mm min
Measured from input terminals to output terminals, shortest
distance through air
Minimum External Tracking (Creepage)
L (I02)
8.0
mm min
Measured from input terminals to output terminals, shortest
distance path along body
Minimum Clearance in the Plane of the Printed
Circuit Board (PCB Clearance)
L (PCB)
8.3
mm min
Measured from input terminals to output terminals, shortest
distance through air, line of sight, in the PCB mounting plane
Minimum Internal Gap (Internal Clearance)
25.5
μm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Material Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
PACKAGE CHARACTERISTICS
Table 10.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Capacitance (Input to Output)1
CI-O
2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction to Ambient Thermal Resistance
θJA
80
°C/W
Thermocouple located at center of package underside
1
The ADuM210N is considered a 2-terminal device: Pin 1 through Pin 4 are shorted together, and Pin 5 through Pin 8 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
See Table 15 and the Insulation Lifetime section for details regarding recommended maximum working voltages for specific cross-
isolation waveforms and insulation levels.
Table 11.
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under 1577
Component Recognition
Program1
Approved under CSA Component Acceptance
Notice 5A
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Certified by
CQC11-471543-2012
Single Protection, 5000 V rms
Isolation Voltage
CSA 60950-1-07+A1+A2 and IEC 60950-1, Second
Edition, +A1+A2
Basic insulation, 849 V peak,
VIOSM = 16,000 V peak
GB4943.1-2011
Basic insulation at 800 V rms (1131 V peak)
Double Protection, 5000 V rms
Isolation Voltage
Reinforced insulation at 400 V rms (565 V peak)
IEC 60601-1 Edition 3.1
Reinforced insulation, 849 V peak,
VIOSM = 10,000 V peak
Basic insulation at
800 V rms (1131 V peak)
Reinforced insulation at
400 V rms (565 V peak)
Basic insulation (1MOPP), 500 V rms (707 V peak)
Reinforced insulation (2MOPP), 250 V rms (1414 V peak)
CSA 61010-1-12 and IEC 61010-1 Third Edition
Basic insulation at: 300 V rms mains, 800 V
secondary (1089 V peak)
Reinforced insulation at: 300 V rms mains, 400 V
secondary (565 V peak)
File E214100
File 205078
File 2471900-4880-0001
File (pending)
1
In accordance with UL 1577, each ADuM210N is proof tested by applying an insulation test voltage ≥ 4500 V rms for 1 sec.
2
In accordance with DIN V VDE V 0884-10, each ADuM210N is proof tested by applying an insulation test voltage ≥ 1592 V peak for 1 sec (partial discharge detection
limit = 5 pC). The * marking branded on the component designates DIN V VDE V 0884-10 approval.


Podobny numer części - ADUM210N1BRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2200 AD-ADUM2200 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200ARWZ AD-ADUM2200ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2200BRWZ AD-ADUM2200BRWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201 AD-ADUM2201 Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
ADUM2201ARWZ AD-ADUM2201ARWZ Datasheet
502Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. 0
More results

Podobny opis - ADUM210N1BRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM110N AD-ADUM110N Datasheet
319Kb / 16P
   3.0 kV RMS, Single-Channel Digital Isolator
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADN4624 AD-ADN4624_V01 Datasheet
3Mb / 23P
   5.7 kV RMS/1.5 kV RMS, Quad-Channel LVDS 2.5 Gigabit Isolator
Rev. A
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
   3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com