Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM121N0BRZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADUM121N0BRZ
Szczegółowy opis  3.0 kV rms, Dual-Channel Digital Isolators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM121N0BRZ Arkusz danych(HTML) 2 Page - Analog Devices

  ADUM121N0BRZ Datasheet HTML 1Page - Analog Devices ADUM121N0BRZ Datasheet HTML 2Page - Analog Devices ADUM121N0BRZ Datasheet HTML 3Page - Analog Devices ADUM121N0BRZ Datasheet HTML 4Page - Analog Devices ADUM121N0BRZ Datasheet HTML 5Page - Analog Devices ADUM121N0BRZ Datasheet HTML 6Page - Analog Devices ADUM121N0BRZ Datasheet HTML 7Page - Analog Devices ADUM121N0BRZ Datasheet HTML 8Page - Analog Devices ADUM121N0BRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADuM120N/ADuM121N
Data Sheet
Rev. A | Page 2 of 19
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 5
 
Electrical Characteristics—2.5 V Operation ............................ 7
 
Electrical Characteristics—1.8 V Operation ............................ 9
 
Insulation and Safety Related Specifications .......................... 10
 
Package Characteristics ............................................................. 10
 
Regulatory Information............................................................. 11
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 12
 
Recommended Operating Conditions .................................... 12
 
Absolute Maximum Ratings ......................................................... 13
 
ESD Caution................................................................................ 13
 
Pin Configurations and Function Descriptions ......................... 14
 
Typical Performance Characteristics ........................................... 15
 
Applications Information .............................................................. 16
 
Overview ..................................................................................... 16
 
PCB Layout ................................................................................. 16
 
Propagation Delay Related Parameters ................................... 17
 
Jitter Measurement..................................................................... 17
 
Insulation Lifetime ..................................................................... 17
 
Outline Dimensions ....................................................................... 19
 
Ordering Guide .......................................................................... 19
 
Automotive Products ................................................................. 19
 
REVISION HISTORY
4/16—Rev. 0 to Rev. A
Changes to Features Section............................................................ 1
Changes to Jitter Measurement Section....................................... 17
Changes to Ordering Guide .......................................................... 19
Added Automotive Products Section .......................................... 19
1/16—Revision 0: Initial Version


Podobny numer części - ADUM121N0BRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM121 AD-ADUM121 Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
ADUM1210 AD-ADUM1210 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1210BRZ AD-ADUM1210BRZ Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
ADUM1210BRZ-RL7 AD-ADUM1210BRZ-RL7 Datasheet
374Kb / 16P
   Dual-Channel Digital Isolator
REV. C
More results

Podobny opis - ADUM121N0BRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com