Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM3150 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADUM3150
Szczegółowy opis  3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM3150 Arkusz danych(HTML) 1 Page - Analog Devices

  ADUM3150 Datasheet HTML 1Page - Analog Devices ADUM3150 Datasheet HTML 2Page - Analog Devices ADUM3150 Datasheet HTML 3Page - Analog Devices ADUM3150 Datasheet HTML 4Page - Analog Devices ADUM3150 Datasheet HTML 5Page - Analog Devices ADUM3150 Datasheet HTML 6Page - Analog Devices ADUM3150 Datasheet HTML 7Page - Analog Devices ADUM3150 Datasheet HTML 8Page - Analog Devices ADUM3150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
3.75 kV, 6-Channel, SPIsolator Digital
Isolator for SPI with Delay Clock
Data Sheet
ADuM3150
FEATURES
Supports up to 40 MHz SPI clock speed in delay clock mode
Supports up to 17 MHz SPI clock speed in 4-wire mode
4 high speed, low propagation delay, SPI signal isolation
channels
2 data channels at 250 kbps
Delayed compensation clock line
20-lead SSOP with 5.1 mm creepage
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/µs
Safety and regulatory approvals
UL recognition per UL 1577
3750 V rms for 1 minute
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 565 V peak
APPLICATIONS
Industrial programmable logic controllers (PLC)
Sensor isolation
FUNCTIONAL BLOCK DIAGRAM
ENCODE
CLK
DELAY
CONTROL
BLOCK
DECODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
MCLK
MO
MI
MSS
VIA
VOB
VDD2
GND2
SCLK
SI
SO
SSS
VOA
VIB
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
DCLK
GND1
NIC
GND2
9
10
12
11
ADuM3150
CONTROL
BLOCK
Figure 1.
GENERAL DESCRIPTION
The ADuM31501 is a 6-channel SPIsolator™ digital isolator
optimized for isolated serial peripheral interfaces (SPIs). Based
on the Analog Devices, Inc., iCoupler® chip scale transformer
technology, the low propagation delay in the CLK, MO/SI,
MI/SO, and SS SPI bus signals supports SPI clock rates of up to
17 MHz. These channels operate with 14 ns propagation delay
and 1 ns jitter to optimize timing for SPI.
The ADuM3150 isolator also provides two additional independent
low data rate isolation channels, one channel in each direction.
Data in the slow channels is sampled and serialized for a 250 kbps
data rate with 2.5 µs of jitter.
The ADuM3150 supports a delay clock output on the master
side of the device. This output can be used with an additional
clocked port on the master to support 40 MHz clock performance.
See the Delay Clock section for more information.
Table 1. Related Products
Product
Description
ADuM3151/ADuM3152/
ADuM3153
3.75 kV, multichannel SPI isolator
ADuM3154
3.75 kV, multiple slave SPI isolator
ADuM4150
5 kV, high speed, clock delayed
SPIsolator
ADuM4151/ADuM4152/
ADuM4153
5 kV, multichannel SPI isolator
ADuM4154
5 kV, multiple slave SPI isolator
1
Protected by U.S. Patents 5,952,849; 6,873,065; 6,262,600; and 7,075,329. Other patents are pending.
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Podobny numer części - ADUM3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM3150 AD-ADUM3150 Datasheet
415Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3150 AD-ADUM3150 Datasheet
381Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3150 AD-ADUM3150 Datasheet
447Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3150 AD-ADUM3150 Datasheet
410Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3150ARSZ AD-ADUM3150ARSZ Datasheet
415Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
More results

Podobny opis - ADUM3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
   3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM4150 AD-ADUM4150_V01 Datasheet
447Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM3151 AD-ADUM3151 Datasheet
454Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
   3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
   5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4150 AD-ADUM4150 Datasheet
456Kb / 21P
   5 kV, 6-Channel, SPIsolator Digital
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
   5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com