Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM2286ARIZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADuM2286ARIZ
Szczegółowy opis  5 kV RMS Dual Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM2286ARIZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADuM2286ARIZ Datasheet HTML 7Page - Analog Devices ADuM2286ARIZ Datasheet HTML 8Page - Analog Devices ADuM2286ARIZ Datasheet HTML 9Page - Analog Devices ADuM2286ARIZ Datasheet HTML 10Page - Analog Devices ADuM2286ARIZ Datasheet HTML 11Page - Analog Devices ADuM2286ARIZ Datasheet HTML 12Page - Analog Devices ADuM2286ARIZ Datasheet HTML 13Page - Analog Devices ADuM2286ARIZ Datasheet HTML 14Page - Analog Devices ADuM2286ARIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADuM2280/ADuM2281/ADuM2285/ADuM2286
Rev. 0 | Page 11 of 20
GND1 1
NC
2
VDD1 3
VOA 4
GND2
16
NC
15
VDD2
14
VIA
13
VIB 5
VOB
12
NC
6
NC
11
GND1 7
NC
10
NC
8
GND2
9
NOTES:
1. NC = NO CONNECT.
2. PIN 1 AND PIN 7 ARE INTERNALLY CONNECTED, AND
CONNECTING BOTH TO GND1 IS RECOMMENDED.
3. PIN 9 AND PIN 16 ARE INTERNALLY CONNECTED, AND
CONNECTING BOTH TO GND2 IS RECOMMENDED.
ADuM2281/
ADuM2286
TOP VIEW
(Not to Scale)
Figure 5. ADuM2281/ADuM2286 Pin Configuration
Table 21. ADuM2281/ADuM2286 Pin Function Descriptions
Pin No. Mnemonic Description
1
GND1
Ground 1. Ground reference for Isolator Side 1.
2
NC
No internal connection.
3
VDD1
Supply Voltage for Isolator Side 1, 2.7 V to 5.5 V.
4
VOA
Logic Output A.
5
VIB
Logic Input B.
6
NC
No internal connection.
7
GND1
Ground 1. Ground reference for Isolator Side 1.
8
NC
No internal connection.
9
GND2
Ground 2. Ground reference for Isolator Side 2.
10
NC
No internal connection.
11
NC
No internal connection.
12
VOB
Logic Output B.
13
VIA
Logic Input A.
14
VDD2
Supply Voltage for Isolator Side 2, 2.7 V to 5.5 V.
15
NC
No internal connection.
16
GND2
Ground 2. Ground reference for Isolator Side 2.
For specific layout guidelines, refer to the AN-1109 Application Note, Recommendations for Control of Radiated Emissions with iCoupler
Devices.


Podobny numer części - ADuM2286ARIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2286ARIZ AD-ADUM2286ARIZ Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
More results

Podobny opis - ADuM2286ARIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
Texas Instruments
ISO7520C TI1-ISO7520C Datasheet
641Kb / 18P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520 TI-ISO7520_1 Datasheet
325Kb / 15P
[Old version datasheet]   Low-Power 5 KV(rms) Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com