Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM230E0BRIZ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADuM230E0BRIZ
Szczegółowy opis  5.0 kV RMS Triple Channel Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM230E0BRIZ Arkusz danych(HTML) 3 Page - Analog Devices

  ADuM230E0BRIZ Datasheet HTML 1Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 2Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 3Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 4Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 5Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 6Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 7Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 8Page - Analog Devices ADuM230E0BRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADuM230D/ADuM230E/ADuM231D/ADuM231E
Rev. A | Page 3 of 21
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within pulse width distortion (PWD) limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
4.8
7.2
13
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.5
3
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
6.1
ns
Between any two devices at the
same temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.5
3.0
ns
Opposing Direction
tPSKOD
0.5
3.0
ns
Jitter
630
ps p-p
See the Jitter Measurement section
80
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold Voltage
Logic High
VIH
0.7 ×
VDDx
V
Logic Low
VIL
0.3 ×
VDDx
V
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx2 = −20 μA, VIx = VIxH3
VDDx − 0.4
VDDx
0.2
V
IOx2 = −4 mA, VIx = VIxH3
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 μA, VIx = VIxL4
0.2
0.4
V
IOx2 = 4 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VIx ≤ VDDx
VE2 Enable Input Pull-Up Current
IPU
−10
−3
μA
VE2 = 0 V
DISABLE1 Input Pull-Down Current
IPD
9
15
μA
DISABLE1 = VDDx
Tristate Output Current per Channel
IOZ
−10
+0.01
+10
μA
0 V ≤ VOx ≤ VDDx
Quiescent Supply Current
ADuM230D/ADuM230E
IDD1 (Q)
1.35
2.6
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.73
2.9
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
9.7
15.2
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
1.87
3.0
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
ADuM231D/ADuM231E
IDD1 (Q)
1.62
2.7
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.61
2.8
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
7.4
11.4
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
5.34
7.2
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.02
mA/Mbps
Inputs switching, 50% duty cycle


Podobny numer części - ADuM230E0BRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Podobny opis - ADuM230E0BRIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
   5.0 kV rms Quad Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com