Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7641CRQZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADuM7641CRQZ-RL7
Szczegółowy opis  1 kV RMS Six-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7641CRQZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADuM7641CRQZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM7641CRQZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADuM7640/ADuM7641/ADuM7642/ADuM7643
Data Sheet
Rev. 0 | Page 6 of 20
Table 6.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Input Voltage Threshold
Logic High
VIH
0.7 VDDx
V
Logic Low
VIL
0.3 VDDx
V
Output Voltages
Logic High
VOH
VDDx − 0.2
3.3
V
IOx = −20 µA, VIx = VIxH
VDDx − 0.5
3.1
V
IOx = −4 mA, VIx = VIxH
Logic Low
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
Supply Current per Channel
Quiescent Supply Current
Input
IDDI (Q)
0.68
0.87
mA
Output
IDDO (Q)
0.55
0.72
mA
Dynamic Supply Current
Input
IDDI (D)
0.19
mA/Mbps
Output
IDDO (D)
0.03
mA/Mbps
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.8
ns
10% to 90%
Common-Mode Transient Immunity1
|CM|
15
20
kV/µs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
550
kHz
DC data inputs
1
|CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VOL < 0.8 VDDLx or VOH > 0.7 × VDDIx. The common-mode voltage slew
rates apply to both rising and falling common-mode voltage edges.


Podobny numer części - ADuM7641CRQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7641CRQZ-RL7 AD-ADUM7641CRQZ-RL7 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
More results

Podobny opis - ADuM7641CRQZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
logo
Silicon Laboratories
SI8030AA-B-IU SILABS-SI8030AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com