Zakładka z wyszukiwarką danych komponentów |
|
ADuM131E0BRZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADuM131E0BRZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 22 page ADuM130D/ADuM130E/ADuM131D/ADuM131E Data Sheet Rev. A | Page 6 of 22 ELECTRICAL CHARACTERISTICS—2.5 V OPERATION All typical specifications are at TA = 25°C, VDD1 = VDD2 = 2.5 V. Minimum/maximum specifications apply over the entire recommended operation range: 2.25 V ≤ VDD1 ≤ 2.75 V, 2.25 V ≤ VDD2 ≤ 2.75 V, −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals. Table 5. Parameter Symbol Min Typ Max Unit Test Conditions/Comments SWITCHING SPECIFICATIONS Pulse Width PW 6.6 ns Within PWD limit Data Rate1 150 Mbps Within PWD limit Propagation Delay tPHL, tPLH 5.0 7.0 14 ns 50% input to 50% output Pulse Width Distortion PWD 0.7 3 ns |tPLH − tPHL| Change vs. Temperature 1.5 ps/°C Propagation Delay Skew tPSK 6.8 ns Between any two devices at the same temperature, voltage, load Channel Matching Codirectional tPSKCD 0.7 3.0 ns Opposing Direction tPSKOD 0.7 3.0 ns Jitter 770 ps p-p See the Jitter Measurement section 160 ps rms See the Jitter Measurement section DC SPECIFICATIONS Input Threshold Logic High VIH 0.7 × VDDx V Logic Low VIL 0.3 × VDDx V Output Voltage Logic High VOH VDDx − 0.1 VDDx V IOx2 = −20 µA, VIx = VIxH3 VDDx − 0.4 VDDx − 0.2 V IOx2 = −2 mA, VIx = VIxH3 Logic Low VOL 0.0 0.1 V IOx2 = 20 µA, VIx = VIxL4 0.2 0.4 V IOx2 = 2 mA, VIx = VIxL4 Input Current per Channel II −10 +0.01 +10 µA 0 V ≤ VIx ≤ VDDx VE2 Enable Input Pull-Up Current IPU −10 −3 µA VE2 = 0 V DISABLE1 Input Pull-Down Current IPD 9 15 µA DISABLE1 = VDDx Tristate Output Current per Channel IOZ −10 +0.01 +10 µA 0 V ≤ VOx ≤ VDDx Quiescent Supply Current ADuM130D/ADuM130E IDD1 (Q) 1.2 2.4 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD2 (Q) 1.61 2.7 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD1 (Q) 9.52 14.9 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 IDD2 (Q) 1.76 2.8 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 ADuM131D/ADuM131E IDD1 (Q) 1.47 2.5 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD2 (Q) 1.48 2.5 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD1 (Q) 7.23 11.2 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 IDD2 (Q) 5.19 7.0 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 Dynamic Supply Current Dynamic Input IDDI (D) 0.01 mA/Mbps Inputs switching, 50% duty cycle Dynamic Output IDDO (D) 0.01 mA/Mbps Inputs switching, 50% duty cycle Undervoltage Lockout Positive VDDx Threshold VDDxUV+ 1.6 V Negative VDDx Threshold VDDxUV− 1.5 V VDDx Hysteresis VDDxUVH 0.1 V |
Podobny numer części - ADuM131E0BRZ-RL7 |
|
Podobny opis - ADuM131E0BRZ-RL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |