Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7642ARQZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADuM7642ARQZ
Szczegółowy opis  1 kV RMS Six-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7642ARQZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADuM7642ARQZ Datasheet HTML 5Page - Analog Devices ADuM7642ARQZ Datasheet HTML 6Page - Analog Devices ADuM7642ARQZ Datasheet HTML 7Page - Analog Devices ADuM7642ARQZ Datasheet HTML 8Page - Analog Devices ADuM7642ARQZ Datasheet HTML 9Page - Analog Devices ADuM7642ARQZ Datasheet HTML 10Page - Analog Devices ADuM7642ARQZ Datasheet HTML 11Page - Analog Devices ADuM7642ARQZ Datasheet HTML 12Page - Analog Devices ADuM7642ARQZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADuM7640/ADuM7641/ADuM7642/ADuM7643
Rev. 0 | Page 9 of 20
PACKAGE CHARACTERISTICS
Table 13.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Capacitance (Input to Output)1
CI-O
2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Ambient Thermal Resistance
θJA
76
°C/W
Thermocouple located at
center of package underside
1
The device is considered a 2-terminal device: Pin 1 through Pin 10 are shorted together, and Pin 11 through Pin 20 are shorted together.
2
Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM7640/ADuM7641/ADuM7642/ADuM7643 are approved by the organizations listed in Table 14. See Table 18 and the
Insulation Lifetime section for recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 14.
UL (Pending)
Recognized Under UL 1577 Component Recognition Program1
Single Protection,1000 V rms Isolation Voltage
File E274400
1
In accordance with UL 1577, each ADuM7640/ADuM7641/ADuM7642/ADuM7643 is proof tested by applying an insulation test voltage ≥ 1200 V rms for 1 sec (current
leakage detection limit = 5 µA).
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 15.
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
1000
V rms
1 minute duration
Minimum External Air Gap (Clearance)
L(I01)
3.8
mm min
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
2.8
mm min
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
2.6
μm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>400
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
II
Material Group (DIN VDE 0110, 1/89, Table 1)
CASE TEMPERATURE (°C)
0
0
350
300
250
200
150
100
50
50
100
150
200
Figure 5. Thermal Derating Curve, Dependence of Safety-Limiting Values on
Case Temperature per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 16.
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
−40
+105
°C
Supply Voltages1
VDD1, VDD2
3.0
5.5
V
Input Signal Rise and Fall
Times
1.0
ms
1
All voltages are relative to their respective grounds. See the DC Correctness
section for information about immunity to external magnetic fields.


Podobny numer części - ADuM7642ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7642ARQZ AD-ADUM7642ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7642ARQZ-RL7 AD-ADUM7642ARQZ-RL7 Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
More results

Podobny opis - ADuM7642ARQZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
   1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440 Datasheet
417Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
   1 kV RMS Quad-Channel Digital Isolators
REV. B
logo
Silicon Laboratories
SI8030AA-B-IU SILABS-SI8030AA-B-IU Datasheet
1Mb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
logo
Analog Devices
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
   3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com