Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM131E0BRWZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADuM131E0BRWZ
Szczegółowy opis  3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM131E0BRWZ Arkusz danych(HTML) 5 Page - Analog Devices

  ADuM131E0BRWZ Datasheet HTML 1Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 2Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 3Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 4Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 5Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 6Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 7Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 8Page - Analog Devices ADuM131E0BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADuM130D/ADuM130E/ADuM131D/ADuM131E
Rev. A | Page 5 of 22
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx2 = −20 µA, VIx = VIxH3
VDDx − 0.4
VDDx − 0.2
V
IOx2 = −2 mA, VIx = VIxH3
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 µA, VIx = VIxL4
0.2
0.4
V
IOx2 = 2 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
VE2 Enable Input Pull-Up Current
IPU
−10
−3
µA
VE2 = 0 V
DISABLE1 Input Pull-Down Current
IPD
9
15
µA
DISABLE1 = VDDx
Tristate Output Current per Channel
IOZ
−10
+0.01
+10
µA
0 V ≤ VOx ≤ VDDx
Quiescent Supply Current
ADuM130D/ADuM130E
IDD1 (Q)
1.25
2.5
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.65
2.8
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
9.57
15.0
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
1.79
2.9
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
ADuM131D/ADuM131E
IDD1 (Q)
1.52
2.6
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD2 (Q)
1.52
2.6
mA
VI5 = 0 (E0, D0), 1 (E1, D1)6
IDD1 (Q)
7.28
11.3
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
IDD2 (Q)
5.24
7.1
mA
VI5 = 1 (E0, D0), 0 (E1, D1)6
Dynamic Supply Current
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
IDDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Undervoltage Lockout
UVLO
Positive VDDx Threshold
VDDxUV+
1.6
V
Negative VDDx Threshold
VDDxUV−
1.5
V
VDDx Hysteresis
VDDxUVH
0.1
V
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CMH|
75
100
kV/µs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CML|
75
100
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1
150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2
IOx is the Channel x output current, where x = A, B, or C.
3
VIxH is the input side logic high.
4
VIxL is the input side logic low.
5
VI is the voltage input.
6
E0 refers to the ADuM130E0/ADuM131E0 models, D0 refers to the ADuM130D0/ADuM131D0 models, E1 refers to the ADuM130E1/ADuM131E1 models, and D1 refers
to the ADuM130D1/ADuM131D1 models. See the Ordering Guide section.
7
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VOx > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 4. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM130D/ADuM130E
Supply Current Side 1
IDD1
5.4
8.8
6.0
9.4
8.5
12.7
mA
Supply Current Side 2
IDD2
1.8
3.6
2.9
4.7
6.2
8.4
mA
ADuM131D/ADuM131E
Supply Current Side 1
IDD1
4.4
7.1
5.2
8.0
8.1
10.7
mA
Supply Current Side 2
IDD2
3.4
5.6
4.3
6.5
7.4
9.5
mA


Podobny numer części - ADuM131E0BRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1310 AD-ADUM1310 Datasheet
377Kb / 16P
   Triple-Channel Digital Isolator with Programmable Default Output
Rev. E
ADUM1310 AD-ADUM1310 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1310 AD-ADUM1310 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1310ARWZ-RL1 AD-ADUM1310ARWZ-RL1 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
More results

Podobny opis - ADuM131E0BRWZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
   3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
   Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM230D AD-ADUM230D Datasheet
319Kb / 21P
   5.0 kV RMS Triple Channel Digital Isolators
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
   5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
   5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
   3.0 kV rms, Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
PAI163M31 ETC-PAI163M31 Datasheet
1Mb / 19P
   10Mbps Hexa-Channel Digital Isolators Enhanced ESD, 3.0 kV rms/5.0 kV rms
Rev.1.8
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com