Zakładka z wyszukiwarką danych komponentów |
|
ADuM131E0BRWZ-RL Arkusz danych(PDF) 8 Page - Analog Devices |
|
ADuM131E0BRWZ-RL Arkusz danych(HTML) 8 Page - Analog Devices |
8 / 22 page ADuM130D/ADuM130E/ADuM131D/ADuM131E Data Sheet Rev. A | Page 8 of 22 Parameter Symbol Min Typ Max Unit Test Conditions/Comments Logic Low VOL 0.0 0.1 V IOx2 = 20 µA, VIx = VIxL4 0.2 0.4 V IOx2 = 2 mA, VIx = VIxL4 Input Current per Channel II −10 +0.01 +10 µA 0 V ≤ VIx ≤ VDDx VE2 Enable Input Pull-Up Current IPU −10 −3 µA VE2 = 0 V DISABLE1 Input Pull-Down Current IPD 9 15 µA DISABLE1 = VDDx Tristate Output Current per Channel IOZ −10 +0.01 +10 µA 0 V ≤ VOx ≤ VDDx Quiescent Supply Current ADuM130D/ADuM130E IDD1 (Q) 1.15 2.3 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD2 (Q) 1.58 2.6 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD1 (Q) 9.41 14.8 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 IDD2 (Q) 1.72 2.7 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 ADuM131D/ADuM131E IDD1 (Q) 1.42 2.4 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD2 (Q) 1.44 2.4 mA VI5 = 0 (E0, D0), 1 (E1, D1)6 IDD1 (Q) 7.15 11.1 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 IDD2 (Q) 5.13 6.9 mA VI5 = 1 (E0, D0), 0 (E1, D1)6 Dynamic Supply Current Dynamic Input IDDI (D) 0.01 mA/Mbps Inputs switching, 50% duty cycle Dynamic Output IDDO (D) 0.01 mA/Mbps Inputs switching, 50% duty cycle Undervoltage Lockout UVLO Positive VDDx Threshold VDDxUV+ 1.6 V Negative VDDx Threshold VDDxUV− 1.5 V VDDx Hysteresis VDDxUVH 0.1 V AC SPECIFICATIONS Output Rise/Fall Time tR/tF 2.5 ns 10% to 90% Common-Mode Transient Immunity7 |CMH| 75 100 kV/µs VIx = VDDx, VCM = 1000 V, transient magnitude = 800 V |CML| 75 100 kV/µs VIx = 0 V, VCM = 1000 V, transient magnitude = 800 V 1 150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible. 2 IOx is the Channel x output current, where x = A, B, or C. 3 VIxH is the input side logic high. 4 VIxL is the input side logic low. 5 VI is the voltage input. 6 E0 refers to the ADuM130E0/ADuM131E0 models, D0 refers to the ADuM130D0/ADuM131D0 models, E1 refers to the ADuM130E1/ADuM131E1 models, and D1 refers to the ADuM130D1/ADuM131D1 models. See the Ordering Guide section. 7 |CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common- mode voltage slew rate that can be sustained while maintaining VOx > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. Table 8. Total Supply Current vs. Data Throughput 1 Mbps 25 Mbps 100 Mbps Parameter Symbol Min Typ Max Min Typ Max Min Typ Max Unit SUPPLY CURRENT ADuM130D/ADuM130E Supply Current Side 1 IDD1 5.2 8.6 5.8 9.3 8.1 12.2 mA Supply Current Side 2 IDD2 1.7 3.5 2.5 4.3 5.2 7.3 mA ADuM131D/ADuM131E Supply Current Side 1 IDD1 4.3 7.0 4.9 7.7 7.26 10.0 mA Supply Current Side 2 IDD2 3.3 5.5 4.0 6.2 6.5 8.6 mA |
Podobny numer części - ADuM131E0BRWZ-RL |
|
Podobny opis - ADuM131E0BRWZ-RL |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |