Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADIS16485BMLZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADIS16485BMLZ
Szczegółowy opis  Tactical Grade, Six Degrees of Freedom Inertial Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADIS16485BMLZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADIS16485BMLZ Datasheet HTML 5Page - Analog Devices ADIS16485BMLZ Datasheet HTML 6Page - Analog Devices ADIS16485BMLZ Datasheet HTML 7Page - Analog Devices ADIS16485BMLZ Datasheet HTML 8Page - Analog Devices ADIS16485BMLZ Datasheet HTML 9Page - Analog Devices ADIS16485BMLZ Datasheet HTML 10Page - Analog Devices ADIS16485BMLZ Datasheet HTML 11Page - Analog Devices ADIS16485BMLZ Datasheet HTML 12Page - Analog Devices ADIS16485BMLZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADIS16485
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ADIS16485
TOP VIEW
(Not to Scale)
NOTES
1. THIS REPRESENTATION DISPLAYS THE TOP VIEW PINOUT
FOR THE MATING SOCKET CONNECTOR.
2. THE ACTUAL CONNECTOR PINS ARE NOT VISIBLE FROM
THE TOP VIEW.
3. MATING CONNECTOR: SAMTEC CLM-112-02 OR EQUIVALENT.
4. DNC = DO NOT CONNECT.
Figure 5. Mating Connector Pin Assignments
PIN 1
PIN 23
PIN 1 PIN 2
Figure 6. Axial Orientation (Top Side Facing Up)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
DIO3
Input/output
Configurable Digital Input/Output.
2
DIO4
Input/output
Configurable Digital Input/Output.
3
SCLK
Input
SPI Serial Clock.
4
DOUT
Output
SPI Data Output. Clocks output on SCLK falling edge.
5
DIN
Input
SPI Data Input. Clocks input on SCLK rising edge.
6
CS
Input
SPI Chip Select.
7
DIO1
Input/output
Configurable Digital Input/Output.
8
RST
Input
Reset.
9
DIO2
Input/output
Configurable Digital Input/Output.
10, 11, 12
VDD
Supply
Power Supply.
13, 14, 15
GND
Supply
Power Ground.
16 to 22, 24
DNC
Not applicable
Do Not Connect to These Pins.
23
VDDRTC
Supply
Real-Time Clock Power Supply.
Rev. E | Page 9 of 32


Podobny numer części - ADIS16485BMLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485/PCBZ AD-ADIS16485/PCBZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485AMLZ AD-ADIS16485AMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Podobny opis - ADIS16485BMLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16497 AD-ADIS16497 Datasheet
769Kb / 43P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16488A AD-ADIS16488A Datasheet
1Mb / 35P
   Tactical Grade, Ten Degrees of Freedom Inertial Sensor
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com