Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD45SL2GA150JYKA Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części CD45SL2GA150JYKA
Szczegółowy opis  High Voltage Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CD45SL2GA150JYKA Arkusz danych(HTML) 3 Page - TDK Electronics

  CD45SL2GA150JYKA Datasheet HTML 1Page - TDK Electronics CD45SL2GA150JYKA Datasheet HTML 2Page - TDK Electronics CD45SL2GA150JYKA Datasheet HTML 3Page - TDK Electronics CD45SL2GA150JYKA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
(2/3)
006-01 / 20130207 / leaddisc_commercial_cd_en.fm
• All specifications are subject to change without notice.
CAPACITANCE AND DIMENSIONS
 : Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
MARKINGS
Year and month of production: last digit of year + month denoted by 1, 2, 3, 4, 5, 6, 7, 8, 9, O (October), N (November), or D (December).
The expression has become simplified due to a revision in the standards.
Part No.
Temperature characteristics
Capacitance
(pF)
Capacitance
tolerance
Dimensions (mm)
D max.
T max.
F
d
CD45SL2GA100JY
KA
SL (+350 to –1000ppm/°C)
10
J (±5%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD45SL2GA150JY
KA
15
J (±5%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD45SL2GA220JY
KA
22
J (±5%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD45SL2GA330JY
KA
33
J (±5%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD45SL2GA470JY
KA
47
J (±5%)
8.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD45SL2GA680JY
KA
68
J (±5%)
9.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD70-B2GA101KY
KA
B (±10%)
100
K (±10%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD70-B2GA151KY
KA
150
K (±10%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD70-B2GA221KY
KA
220
K (±10%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD75-B2GA331KY
KA
330
K (±10%)
7.5
7.0
10.0+2.0, –1.0
0.6±0.05
CD85-B2GA471KY
KA
470
K (±10%)
9.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD65ZU2GA681MY
KA
Z5U (+22, –56%)
680
M (±20%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD70ZU2GA102MY
KA
1,000
M (±20%)
7.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD80ZU2GA152MY
KA
1,500
M (±20%)
8.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD90ZU2GA222MY
KA
2,200
M (±20%)
9.5
7.0
10.0+2.0, –1.0
0.6±0.05
CD11ZU2GA332MY
KA
3,300
M (±20%)
12.0
7.0
10.0+2.0, –1.0
0.6±0.05
CD12ZU2GA472MY
KA
4,700
M (±20%)
13.5
7.0
10.0+2.0, –1.0
0.6±0.05
Long lead
Short lead
Vertical kink
Symbol G
Symbol N
Item
Markings
Specifications
Marking examples
1. Series
2. Nominal capacitance
3. Capacitance tolerance
4. Rated voltage Eac
5. TDK’s logogram
6. Date code
CD
222
M
440
∼X1
400
∼Y1
29
CD series
2200pF
±20%
X1: AC.440V
Y1: AC.400V
Production base code
2012.9
Example) TDK Product Name: CD90ZU2GA222MYNKA
N: Lead type (Vertical kink, Short)
D
T
F
d
D
T
F
d
(Marking position is reference.)
CD222M
29
• For more information about products with other capacitance or other data, please contact us.


Podobny numer części - CD45SL2GA150JYKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CD45SL2GA150JYKA TDK-CD45SL2GA150JYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD45SL2GA150JYKA TDK-CD45SL2GA150JYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD45SL2GA150JYKA TDK-CD45SL2GA150JYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results

Podobny opis - CD45SL2GA150JYKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com