Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

540-99-032-17-400 Arkusz danych(PDF) 1 Page - Precid-Dip Durtal SA

Numer części 540-99-032-17-400
Szczegółowy opis  Sockets for Plastic Leaded Chip Carriers (PLCC) SMT terminations
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PREDIP [Precid-Dip Durtal SA]
Strona internetowa  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

540-99-032-17-400 Arkusz danych(HTML) 1 Page - Precid-Dip Durtal SA

  540-99-032-17-400 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
96
Series 540
Sockets for Plastic Leaded Chip Carriers
(PLCC)
SMT terminations
Series 540 PLCC sockets
with SMT terminations
come with square sizes
for IC-packages according
to JEDEC MO-047, rec-
tangular size (32) accord-
ing to JEDEC MO-052 =
low profile
Solder tail width 0.33 mm
Guaranteed coplanarity
tolerance of SMT termina-
tions max. 0.10 mm
Plating
Stamped contacts
99
tin-lead over nickel
Please note: 99 is only plating available for
this product.
Ordering information
Please refer to table Order Codes
Standard packaging: tube
Packaging options:
Tape on reel (add suffix TR, ex 540-99-020-17-400-TR)
For PCB layout see below
No. of poles
Order Codes
Dimensions
Standard parts:
Parts with 2 positioning pegs:
A1
A2
B1
B2
C1
C2
DE
20
540-99-020-17-400
540-99-020-17-400-2
14.86
14.86
5.08
5.08
7.26
7.26
4.60
16.00
28
540-99-028-17-400
540-99-028-17-400-2
17.40
17.40
7.62
7.62
9.80
9.80
4.60
19.70
*32*
540-99-032-17-400
540-99-032-17-400-2
16.90
19.45
7.62
10.16
9.61
12.16
3.90
22.00
44
540-99-044-17-400
540-99-044-17-400-2
22.48
22.48
12.70
12.70
14.88
14.88
4.60
27.00
52
540-99-052-17-400
540-99-052-17-400-2
25.40
25.40
15.24
15.24
17.50
17.50
4.60
30.80
68
540-99-068-17-400
540-99-068-17-400-2
30.54
30.54
20.32
20.32
22.50
22.50
4.60
37.65
84
540-99-084-17-400
540-99-084-17-400-2
35.56
35.56
25.40
25.40
27.62
27.62
4.60
45.10
* rectangular
PCB layout SMD types Series 540…
52 poles
68 poles
84 poles
20 poles
28 poles
32 poles
44 poles


Podobny numer części - 540-99-032-17-400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Precid-Dip Durtal SA
540-99-032-24-000-1 PREDIP-540-99-032-24-000-1 Datasheet
33Kb / 1P
   Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail
More results

Podobny opis - 540-99-032-17-400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Precid-Dip Durtal SA
504-99-020-24-000 PREDIP-504-99-020-24-000 Datasheet
52Kb / 1P
   Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail
540-99-020-24-000-1 PREDIP-540-99-020-24-000-1 Datasheet
33Kb / 1P
   Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail
logo
KODENSHI_AUK CORP.
KP545R66E6F KODENSHI-KP545R66E6F Datasheet
1Mb / 12P
   thin form plastic leaded chip carried(PLCC)
logo
List of Unclassifed Man...
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
   68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Adam Technologies, Inc.
PLCC-20-AT ADAM-TECH-PLCC-20-AT Datasheet
128Kb / 2P
   PLCC SOCKETS
PLCC-32-AT-SMT ADAM-TECH-PLCC-32-AT-SMT Datasheet
114Kb / 1P
   PLCC SOCKETS
PLCC68AT ADAM-TECH-PLCC68AT Datasheet
120Kb / 1P
   PLCC SOCKETS
logo
Dubilier
DBCPLCC20SMTTR DUBILIER-DBCPLCC20SMTTR_11 Datasheet
170Kb / 1P
   IC SOCKETS PLCC
logo
Assmann Electronics Inc...
A-CCS-084-Z-SM ASSMANN-A-CCS-084-Z-SM Datasheet
248Kb / 1P
   Chip Carrier sockets, SMT
A-CCS-028-Z-SM ASSMANN-A-CCS-028-Z-SM Datasheet
248Kb / 1P
   Chip Carrier sockets, SMT
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com