Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB020N03KJ3-0-T3-G Arkusz danych(PDF) 2 Page - Cystech Electonics Corp.

Numer części MTB020N03KJ3-0-T3-G
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KJ3-0-T3-G Arkusz danych(HTML) 2 Page - Cystech Electonics Corp.

  MTB020N03KJ3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KJ3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143J3
Issued Date : 2015.12.15
Revised Date : 2016.02.22
Page No. : 2/9
MTB020N03KJ3
CYStek Product Specification
Absolute Maximum Ratings (TC=25C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage (Note 1)
VDS
30
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current @TC=25C, VGS=10V
(Note 1)
ID
30
A
Continuous Drain Current @TC=100C, VGS=10V
(Note 1)
19
Continuous Drain Current @TA=25C, VGS=10V
(Note 2)
IDSM
9
Continuous Drain Current @TA=100C, VGS=10V
(Note 2)
5.7
Pulsed Drain Current @ VGS=10V
(Note 3)
IDM
100
Single Pulse Avalanche Current @ L=0.1mH
IAS
21
Single Pulse Avalanche Energy @ L=5mH, ID=6A, VDD=15V
(Note 4)
EAS
90
mJ
Power Dissipation
TC=25C
(Note 1)
PD
50
W
TC=100C
(Note 1)
20
TA=25C
(Note 2)
PDSM
2.5
TA=100C
(Note 2)
1.0
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
2.5
C/W
Thermal Resistance, Junction-to-ambient, max (Note 2)
RθJA
50
Note : 1
.The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
.The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C.
3
. Pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and low duty cycles
to keep initial TJ=25°C.
4. 100% tested by conditions of L=100μH, IAS=10A, VGS=10V, VDD=15V


Podobny numer części - MTB020N03KJ3-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB020N03KL3 CYSTEKEC-MTB020N03KL3 Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KL3-0-T3-G CYSTEKEC-MTB020N03KL3-0-T3-G Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KM3 CYSTEKEC-MTB020N03KM3 Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KM3-0-T2-G CYSTEKEC-MTB020N03KM3-0-T2-G Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTB020N03KJ3-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com