Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS45SL2GA470J-GKA Arkusz danych(PDF) 3 Page - TDK Electronics

Numer części CS45SL2GA470J-GKA
Szczegółowy opis  High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CS45SL2GA470J-GKA Arkusz danych(HTML) 3 Page - TDK Electronics

  CS45SL2GA470J-GKA Datasheet HTML 1Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 2Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 3Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 4Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 5Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 6Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 7Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 8Page - TDK Electronics CS45SL2GA470J-GKA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(3/10)
20160219 / leaddisc_commercial_cs45_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Disc Type Capacitors with Lead
High Voltage Ceramic Capacitors, Commercial Grade, Safety Standard Approved
FEATURES
Compliant with IEC and the safety standards of various countries.
Rated at a withstand voltage of AC.2600V.
Flame-resistant reinforced outer insulation prevents fires, electrical shock, and other potential hazards.
These products shall conform to RoHS Directive due to lead(Pb) free of lead wire and internal solder material.
Compatible with halogen-free external resin coating.
APPLICATION
For use in Y capacitor for AC adapter, charger, power supplies
PART NUMBER CONSTRUCTION
Please refer to P-6~9 about the product dimensions.
OPERATING TEMPERATURE RANGE
The maximum operating temperature of 125°C includes capacitor self-generated heat of up to 20°C.
The storage temperature range applies to after MLCC is mounted on board.
Overview of CS45 Series
CS45 -
E
2GA
102
M
-
KA
Series name
Temperature
characteristics
Rated voltage
Nominal
capacitance
Capacitance
tolerance
Lead type
Application
classification
Internal code
SL
+350 to
–1000ppm/°C
2GA
X1:440V
Y2:300V
100
10pF
J
±5%
G
Long lead
K
Safety
standard
A
Halogen-free
221
220pF
K
±10%
N
Short lead
B
±10%
472
4,700pF
M
±20%
V
Taping
E
+20, –55%
F
+30, –80%
Temperature
characteristics
Temperature range
Operating temperature
(°C)
Storage temperature
(°C)
SL
–25 to +125
–25 to +125
B
–25 to +125
–25 to +125
E
–25 to +125
–25 to +125
F
–25 to +125
–25 to +125
Product compatible with RoHS directive
Halogen-free
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Podobny numer części - CS45SL2GA470J-GKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CS45SL2GA470JAGKA TDK-CS45SL2GA470JAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS45SL2GA470JAGKA TDK-CS45SL2GA470JAGKA Datasheet
123Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CS45SL2GA470JANKA TDK-CS45SL2GA470JANKA Datasheet
123Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CS45SL2GA470JAVKA TDK-CS45SL2GA470JAVKA Datasheet
123Kb / 2P
   Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Podobny opis - CS45SL2GA470J-GKA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Vishay Siliconix
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com