Zakładka z wyszukiwarką danych komponentów |
|
SS36 Arkusz danych(PDF) 1 Page - Nanjing International Group Co |
|
SS36 Arkusz danych(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page 3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) Operating Storage Temperature Range TSTG Temperature Range Tj 3.0 1 20 0.2 20 10 -65 +125 -65 +150 -65 +150 V V V A V mA mA pF C C C NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.093 grams SS32 THRU SS320 VOLTAGE RANGE 20 to 200 Volts CURRENT 3.0 Ampere UNITS V Typical Thermal Resistance RqJA (Note 2) /W S S32 S S34 SS36 S S38 S S310 SS315 SS320 20 40 60 80 100 150 200 14 2 8 42 56 70 105 140 0.55 0.70 0.85 3 20 20 40 60 80 100 150 200 Dimensions in inches and (millimeters) * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request DO-214AC .208(5.28) .194(4.93) .177(4.50) .157(3.99) .012(0.31) .006(0.15) .058(1.47) .052(1.32) .090(2.29) .078(1.98) .060(1.52) .030(0.76) .110(2.79) .100(2.54) .005 (.127) MAX. |
Podobny numer części - SS36 |
|
Podobny opis - SS36 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |