Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFV330-DAGBVTMN0500 Arkusz danych(PDF) 5 Page - SICK AG

Numer części LFV330-DAGBVTMN0500
Szczegółowy opis  LEVEL SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SICK [SICK AG]
Strona internetowa  http://www.sick.com/
Logo SICK - SICK AG

LFV330-DAGBVTMN0500 Arkusz danych(HTML) 5 Page - SICK AG

  LFV330-DAGBVTMN0500 Datasheet HTML 1Page - SICK AG LFV330-DAGBVTMN0500 Datasheet HTML 2Page - SICK AG LFV330-DAGBVTMN0500 Datasheet HTML 3Page - SICK AG LFV330-DAGBVTMN0500 Datasheet HTML 4Page - SICK AG LFV330-DAGBVTMN0500 Datasheet HTML 5Page - SICK AG LFV330-DAGBVTMN0500 Datasheet HTML 6Page - SICK AG LFV330-DAGBVTMN0500 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LFV330-DAGBVTMN0500 | LFV300
LEVEL SENSORS
2015-12-07 11:19:05 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5
Instruction for installation
Inflowing medium
Characteristic curve
Influence of the process temperature on the switching point
1
2
4
3
10 ( 25/64")
8 ( 5/16")
6 ( 15/64")
4 ( 5/32")
2 ( 5/64")
-2 (-5/64")
-4 (-5/32")
-6 (-15/64")
-8 (-5/16")
-10 (-25/64")
0
0°C
100°C
150°C
200°C
250°C
50°C
①  Shifting of the switching point in mm (in)
②  Process temperature in °C (°F)
③  Switching point at reference conditions (notch)
④  Tuning fork
Recommended accessories
Other models and accessories
www.sick.de/LFV300
Brief description
Type
Part no.
Flanges
Welded flange/welded connector, DIN11851-1, DN25 / PN40, Stainless steel 1.4404
BEF-FL-851D25-LFV2
5321527
Welded flange/welded connector, process connection G 1, Stainless steel 1.4404
BEF-FL-
GEWG10-LFV2
4054605


Podobny numer części - LFV330-DAGBVTMN0500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
LFV330-DAGBVXMC0500 SICK-LFV330-DAGBVXMC0500 Datasheet
1Mb / 7P
   LEVEL SENSORS
LFV330-DAGBVXMR0300 SICK-LFV330-DAGBVXMR0300 Datasheet
1Mb / 7P
   LEVEL SENSORS
LFV330-DAGBVXMR3000 SICK-LFV330-DAGBVXMR3000 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results

Podobny opis - LFV330-DAGBVTMN0500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com