Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC327 Arkusz danych(PDF) 1 Page - Nanjing International Group Co

Numer części BC327
Szczegółowy opis  PNP Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC327 Arkusz danych(HTML) 1 Page - Nanjing International Group Co

  BC327 Datasheet HTML 1Page - Nanjing International Group Co BC327 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 27/12/2007
BC327…BC328
PNP Silicon Epitaxial Planar Transistor
for switching and amplifier applications
These types are subdivided into three groups -16,
-25 and -40, according to their DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
BC327
BC328
Unit
Collector Base Voltage
-VCBO
50
30
V
Collector Emitter Voltage
-VCEO
45
25
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
800
mA
Peak Collector Current
-ICM
1
A
Total Power Dissipation
Ptot
625
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 100 mA
Current Gain Group
at -VCE = 1 V, -IC = 300 mA
-16
-25
-40
-16
-25
-40
hFE
hFE
hFE
hFE
hFE
hFE
100
160
250
60
100
170
-
-
-
-
-
-
250
400
630
-
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at -VCB = 45 V
at -VCB = 25 V
BC327
BC328
-ICBO
-
-
-
-
100
100
nA
Collector Base Breakdown Voltage
at -IC = 100 µA
BC327
BC328
-V(BR)CBO
50
30
-
-
-
-
V
Collector Emitter Breakdown Voltage
at -IC = 10 mA
BC327
BC328
-V(BR)CEO
45
25
-
-
-
-
V
Emitter Base Breakdown Voltage
at -IE = 100 µA
-V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at -IC = 500 mA, -IB = 50 mA
-VCE(sat)
-
-
0.7
V
Base Emitter On Voltage
at -VCE = 1 V, -IC = 300 mA
-VBE(on)
-
-
1.2
V
Gain Bandwidth Product
at -VCE = 5 V, -IC = 10 mA, f = 50 MHz
fT
-
100
-
MHz
Collector Base Capacitance
at -VCB = 10 V, f = 1 MHz
CCBO
-
12
-
pF
1. Collector 2. Base 3. Emitter
TO-92 Plastic Package


Podobny numer części - BC327

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
List of Unclassifed Man...
BC327 ETC2-BC327 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Unisonic Technologies
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
ON Semiconductor
BC327 ONSEMI-BC327 Datasheet
108Kb / 5P
   Amplifier Transistors
September, 2011 ??Rev. 6
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
More results

Podobny opis - BC327

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com