Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB017B03Q8 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTB017B03Q8
Szczegółowy opis  Dual P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB017B03Q8 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTB017B03Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB017B03Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C107Q8
Issued Date : 2016.03.01
Revised Date :
Page No. : 1/9
MTB017B03Q8
CYStek Product Specification
Dual P-Channel Enhancement Mode Power MOSFET
MTB017B03Q8
Features
• Simple drive requirement
• Low on-resistance
• Fast switching speed
• Dual P-ch MOSFET package
• Pb-free lead plating & Halogen-free package
Equivalent Circuit
Outline
Ordering Information
Device
Package
Shipping
MTB017B03Q8-0-T3-G
SOP-8
(RoHS compliant & Halogen-free package)
2500 pcs / Tape & Reel
MTB017B03Q8
SOP-8
G:Gate S:Source D:Drain
BVDSS
-30V
ID@VGS=-10V, TA=25°C
-8.8A
RDSON(MAX)@VGS=-10V, ID=-8A
14.2mΩ(typ.)
RDSON(MAX)@VGS=-4.5V, ID=-5A 21.2mΩ(typ.)
Environment friendly grade : S for RoHS compliant products, G for RoHS
compliant and green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Podobny numer części - MTB017B03Q8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB010A03H8 CYSTEKEC-MTB010A03H8 Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010A03H8-0-T6-G CYSTEKEC-MTB010A03H8-0-T6-G Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
MTB010N06I3 CYSTEKEC-MTB010N06I3 Datasheet
357Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB017B03Q8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4803 HMSEMI-HM4803 Datasheet
554Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTA40B03Q8 CYSTEKEC-MTA40B03Q8 Datasheet
661Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com