Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB020N03KM3-0-T2-G Arkusz danych(PDF) 6 Page - Cystech Electonics Corp.

Numer części MTB020N03KM3-0-T2-G
Szczegółowy opis  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KM3-0-T2-G Arkusz danych(HTML) 6 Page - Cystech Electonics Corp.

  MTB020N03KM3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KM3-0-T2-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143M3
Issued Date : 2016.01.21
Revised Date :
Page No. : 6/9
MTB020N03KM3
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
5
10
15
20
25
30
35
40
01
2
34
5
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=62.5°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=62.5°C/W


Podobny numer części - MTB020N03KM3-0-T2-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KL3 CYSTEKEC-MTB020N03KL3 Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KL3-0-T3-G CYSTEKEC-MTB020N03KL3-0-T3-G Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTB020N03KM3-0-T2-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com