Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB030P06KH8-0-T6-G Arkusz danych(PDF) 5 Page - Cystech Electonics Corp.

Numer części MTB030P06KH8-0-T6-G
Szczegółowy opis  P-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB030P06KH8-0-T6-G Arkusz danych(HTML) 5 Page - Cystech Electonics Corp.

  MTB030P06KH8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C104H8
Issued Date : 2016.04.29
Revised Date :
Page No. : 5/10
MTB030P06KH8
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
20
40
60
80
100
024
68
10
Normalized Brekdown Voltage vs Ambient
Temperature
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
-VDS, Drain-Source Voltage(V)
-10V, -9V,-8V
-4.5V
Tj=25°C
-7V
-6V
-5V
ID=-250μA,
VGS=0V
-4V
VGS=-3.5V
Static Drain-Source On-State resistance vs Drain Current
10
100
0.1
1
10
100
-ID, Drain Current(A)
VGS=-4.5V
VGS=-10V
VGS=-4V
Source Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
20
-IS, Source Drain Current(A)
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
50
100
150
200
250
300
350
400
450
500
02
4
6
8
1
-VGS, Gate-Source Voltage(V)
Tj=25°C
Tj=150°C
0
ID=-6A
Normalized Drain-Source On-State Resistance vs
Junction Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-75 -50 -25
0
25 50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS=-10V, ID=-6A
RDS(ON)@Tj=25°C : 21.4mΩ typ.


Podobny numer części - MTB030P06KH8-0-T6-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB030B03V8 CYSTEKEC-MTB030B03V8 Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030B03V8-0-T6-G CYSTEKEC-MTB030B03V8-0-T6-G Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030N03N3 CYSTEKEC-MTB030N03N3 Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N03N3-0-T1-G CYSTEKEC-MTB030N03N3-0-T1-G Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N04M3-0-T1-G CYSTEKEC-MTB030N04M3-0-T1-G Datasheet
642Kb / 9P
   40V N-Channel Enhancement Mode MOSFET
More results

Podobny opis - MTB030P06KH8-0-T6-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com