Zakładka z wyszukiwarką danych komponentów |
|
LCC18DT3 Arkusz danych(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
|
LCC18DT3 Arkusz danych(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd |
1 / 3 page LCC18DT3 UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY Features ● Ultra low leakage: nA level ● Operating voltage: 18V ● Low clamping voltage ● Complies with following standards: – IEC 61000-4-2 (ESD) immunity test Air discharge: ±15kV Contact discharge: ±8kV – IEC61000-4-4 (EFT) 40A (5/50ns) ● RoHS Compliant Applications ● USB 2.0 power and data line ● Set-top box and digital TV ● Digital video interface (DVI) ● Notebook Computers ● SIM Ports ● 10/100 Ethernet Dimensions SOT-23 Pin Configuration Mechanical Characteristics ● Package: SOT-23 ● Lead Finish: Lead Free ● UL Flammability Classification Rating 94V-0 ● Quantity Per Reel:3,000pcs ● Reel Size:7inch Rev : 01.06.2014 1/3 www.leiditech.com Absolute Maximum Ratings(Tamb=25°C unless otherwise specified) Parameter Symbol Value Unit Peak Pulse Power (8/20µs) Ppp 180 W ESD per IEC 61000−4−2 (Air) VESD ±15 Kv ESD per IEC 61000−4−2 (Contact) ±8 Operating Temperature Range TJ -55 to +125 ℃ Storage Temperature Range TSTJ -55 to +150 ℃ |
Podobny numer części - LCC18DT3 |
|
Podobny opis - LCC18DT3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |