Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93410105000 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części 93410105000
Szczegółowy opis  18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

93410105000 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  93410105000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 93410105000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 93410105000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC/Nylon insulation, overall
Beldfoil® shield (100% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
1
18
19x30
TC - Tinned Copper
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Material
PVC/Nylon - Polyvinyl Chloride/Nylon
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
18
19x30
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (in.)
PVC - Polyvinyl Chloride 0.047
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Nominal Diameter:
0.274 in.
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
Mechanical Characteristics (Overall)
Wet Temperature Range:
-30°C To +75°C
Dry Temperature Range:
-30°C To +90°C
Bulk Cable Weight:
44 lbs/1000 ft.
Max. Recommended Pulling Tension:
26 lbs.
Min. Bend Radius/Minor Axis:
2.750 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
Page 1 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9341 Multi-Conductor - 600V Tray Cable


Podobny numer części - 93410105000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keystone Electronics Co...
9341 KEYSTONE-9341 Datasheet
255Kb / 1P
   6-32 PAN HEAD SCREW
logo
Belden Inc.
9341 BELDEN-9341 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
logo
Keystone Electronics Co...
9341 KEYSTONE-9341 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9341 HEYCO-9341 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Belden Inc.
9341-0101000 BELDEN-9341-0101000 Datasheet
169Kb / 2P
   High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
More results

Podobny opis - 93410105000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
1351328 ETC2-1351328 Datasheet
98Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1647596 ETC2-1647596 Datasheet
100Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs
1344841 ETC2-1344841 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors, twisted pairs, PVC insulation
1347098 ETC2-1347098 Datasheet
101Kb / 3P
   18 AWG pairs stranded (19x30) tinned copper conductors,
1682735 ETC2-1682735 Datasheet
102Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs
1347776 ETC2-1347776 Datasheet
100Kb / 3P
   16 AWG pairs stranded (19x29) tinned copper conductors, twisted pairs, PVC insulation
1346000 ETC2-1346000 Datasheet
101Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345005 ETC2-1345005 Datasheet
100Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
   22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com