Zakładka z wyszukiwarką danych komponentów |
|
OP11FP Arkusz danych(PDF) 3 Page - Analog Devices |
|
OP11FP Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 8 page –3– REV. A OP11 OP11A OP11E Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Input Offset Voltage VOS RS £ 10 kW 0.4 1.0 0.4 0.8 mV Average Input Offset Voltage Drift1 TCVOS RS £ 10 kW 2.0 10 2.0 10 mV/∞C Input Offset Current IOS 20 40 14 30 nA Average Input Offset Current Drift 1 TCIOS 0.1 0.3 0.1 0.3 nA/ ∞C Input Bias Current IB 200 375 200 350 nA Input Voltage Range IVR ±12 ±13 ±12 ±13 V Common-Mode Rejection Ratio CMRR VCM = ±12 V, RS £ 10 kW 100 120 100 120 dB Power Supply Rejection Ratio PSRR VS = ±5 V to ±15 V, RS £ 10 kW 432 4 32 mV/V Large-Signal Voltage Gain AVO RL ≥ 2 kW, VO = ±10 V 50 250 50 250 V/mV Output Voltage Swing VO RL ≥ 2 kW±11 ±13 ±11 ±13 V Power Consumption 2 Pd VO = 0 V 115 200 115 200 mW NOTES 1Guaranteed but not tested. 2Total dissipation for all four amplifiers in package. Specifications subject to change without notice ELECTRICAL CHARACTERISTICS (@ VS = 15 V, 55 C £ TA £ 125 C for OP11A, 0 C £ TA£70 C for OP11E, unless otherwise noted) (@ VS = 15 V, 40 C £ TA£ +85 C, RS £ 100 , unless otherwise noted) OP11F OP11G Parameter Symbol Conditions Min Typ Max Min Typ Max Unit Input Offset Voltage VOS RS £ 10 kW 0.8 3.0 1.5 6 .0 mV Average Input Offset Voltage Drift TCVOS RS £ 10 kW 4.0 15 4.0 mV/∞C Input Offset Current IOS 40 60 250 300 nA Average Input Offset Current Drift 1 TCIOS 0.3 0.6 0.3 0.6 nA/ ∞C Input Bias Current IB 400 550 400 800 nA Input Voltage Range IVR ±12 ±13 ±12 ±13 V Common-Mode Rejection Ratio CMRR VCM = ±12 V, RS £ 10 kW 100 120 70 100 dB Power Supply Rejection Ratio PSRR VS = ±5 V to ±15 V, RS £ 10 kW 432 10 100 mV/V Large-Signal Voltage Gain AVO RL ≥ 2 kW, VO = ±10 V 50 250 25 100 V/mV Output Voltage Swing VO RL ≥ 2 kW±11 ±13 ±11 ±13 V Power Consumption 2 Pd VO = 0 V 115 200 250 400 mW NOTES 1Guaranteed but not tested. 2Total dissipation for all four amplifiers in package. Specifications subject to change without notice ELECTRICAL CHARACTERISTICS |
Podobny numer części - OP11FP |
|
Podobny opis - OP11FP |