Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA16846 Arkusz danych(PDF) 20 Page - Infineon Technologies AG

Numer części TDA16846
Szczegółowy opis  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Arkusz danych(HTML) 20 Page - Infineon Technologies AG

Back Button TDA16846 Datasheet HTML 16Page - Infineon Technologies AG TDA16846 Datasheet HTML 17Page - Infineon Technologies AG TDA16846 Datasheet HTML 18Page - Infineon Technologies AG TDA16846 Datasheet HTML 19Page - Infineon Technologies AG TDA16846 Datasheet HTML 20Page - Infineon Technologies AG TDA16846 Datasheet HTML 21Page - Infineon Technologies AG TDA16846 Datasheet HTML 22Page - Infineon Technologies AG TDA16846 Datasheet HTML 23Page - Infineon Technologies AG TDA16846 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
20
2000-01-14
5.2
Characteristics
Unless otherwise stated, – 25
°C< T
j < 125 °C, VCC =12 V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Start-Up Circuit
Supply current, OFF
I
14
40
100
µA0 < V
CC < V14
ON
Supply current, ON
I
14
5
8
mA
Output low
Turn-ON threshold
V
14
ON
14.5
15
15.5
V
Turn-OFF threshold
V
14
OFF
7.5
8
8.5
V
Primary Current Simulation PCS (Pin 2) / Current Limiting
Basic value
V
2
1.45
1.5
1.55
V
I
2 = 100 µA
Peak value
V
2
4.85
5
5.15
V
V
11 = 1.2 V
On-time
9.0
10.5
11.5
µs
V
11 = 1.2 V,
C
2 = 220 pF,
I
2 = 75 µA
Bias current Pin 2
–– 1.0
– 0.3
µA
Fold Back Point Correction PVC (Pin 11)
Peak value
V
2
3.8
4.1
4.3
V
V
11 = 4.5 V
On-time
6.2
7.5
8.5
µs
V
11 = 4.5 V,
C
2 = 220 pF,
I
2 = 75 µA
Bias current Pin 11
–– 1.0
– 0.3
µA
Off-Time Circuit OTC (Pin 1)
Charge current
I
1
0.9
1.1
1.4
mA
V
3 > 3 V
Charge current
I
1
0.35
0.5
0.65
mA
V
3 <2 V
Peak value
V
1
3.38
3.5
3.62
V
Basic value
V
1
1.92
2
2.08
V


Podobny numer części - TDA16846

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

Podobny opis - TDA16846

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com