Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8031HL Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części TDA8031HL
Szczegółowy opis  USB smart card reader (OTP or ROM)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8031HL Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button TDA8031HL Datasheet HTML 2Page - NXP Semiconductors TDA8031HL Datasheet HTML 3Page - NXP Semiconductors TDA8031HL Datasheet HTML 4Page - NXP Semiconductors TDA8031HL Datasheet HTML 5Page - NXP Semiconductors TDA8031HL Datasheet HTML 6Page - NXP Semiconductors TDA8031HL Datasheet HTML 7Page - NXP Semiconductors TDA8031HL Datasheet HTML 8Page - NXP Semiconductors TDA8031HL Datasheet HTML 9Page - NXP Semiconductors TDA8031HL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
2003 Jul 04
6
Philips Semiconductors
Product specification
USB smart card reader (OTP or ROM)
TDA8030; TDA8031
handbook, full pagewidth
MGU882
SUPPLY
SUPERVISOR
TIME-OUT
COUNTER
8xC51
MICROCONTROLLER
16 kbytes EPROM
256 bytes RAM
TIMER 0, 1, 2
ENHANCED UART
ISO7816
UART
STEP-UP
CONVERTER
ANALOG
DRIVERS
AND
SEQUENCER
INTERFACE
CONTROL
XTAL
OSCILLATOR
3.3 V
LDO
POWER
SWITCH
CONTROL
USB
ATX
PLL
USB
INTERFACE
INTERNAL
OSCILLATOR
CLOCK
CIRCUITRY
512 bytes
AUXRAM
VCC
VDD
VUP
STGND
CDELAY
RST
CGND
CLK
I/O
C4
C8
PRES
TEST
XTAL2
XTAL1
P33/INT1
P32/INT0
SCANEN
RFU
RFU
ALE
P36/WR
P37/RD
RESET
EA
P10 to P17
P30 to P37
P20 to P27
32 to 39
44 to 51
62 to 55
53
52
54
7
31
12
8, 11
9, 14
22
24
23
25
20
21
18
19
13
17
15
16
22
41
40
42
43
27
28
26
29
30
10
63, 64,
1 to 6
VDDD
DGND
UGND
VDD
10
µF
1
µF
6.8
µH
1
µF
LX
D
+
D
DELATT
VDDU
CDEC
P00 to P07
ALE
TDA8031
PSEN
Fig.2 Block diagram (TDA8031).


Podobny numer części - TDA8031HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8034AT NXP-TDA8034AT Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8034HN NXP-TDA8034HN Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034HN-C1,151 NXP-TDA8034HN-C1,151 Datasheet
285Kb / 30P
   The TDA8034HN is a cost-effective analog interface for asynchronous and synchronous
Rev. 3.1-5 September 2011
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
TDA8035C1 NXP-TDA8035C1 Datasheet
918Kb / 32P
   Smart card interface externally by a resistor bridge
Rev. 1.0-19 April 2011
More results

Podobny opis - TDA8031HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
   USB Smart Card Reader Controller
logo
Cherry Semiconductor Co...
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
   High performance USB smart card reader
logo
ATMEL Corporation
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
   USB Smart Card Reader Controller Technical Reference Manual
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
AU9510F ETC1-AU9510F Datasheet
201Kb / 17P
   AU9510F USB Smart Card Reader Controller Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com