Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-130 Arkusz danych(PDF) 5 Page - CUI INC

Numer części SD-130
Szczegółowy opis  STANDARD DIN CONNECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUI [CUI INC]
Strona internetowa  http://www.cui.com
Logo CUI - CUI INC

SD-130 Arkusz danych(HTML) 5 Page - CUI INC

  SD-130 Datasheet HTML 1Page - CUI INC SD-130 Datasheet HTML 2Page - CUI INC SD-130 Datasheet HTML 3Page - CUI INC SD-130 Datasheet HTML 4Page - CUI INC SD-130 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
date
04/12/2012 │ page 5 of 5
CUI Inc
│ SERIES: SD │ DESCRIPTION: STANDARD DIN CONNECTOR
CUI offers a one (1) year limited warranty. Complete warranty information is listed on our website.
CUI reserves the right to make changes to the product at any time without notice. Information provided by CUI is believed to be accurate and reliable. However, no responsibility is
assumed by CUI for its use, nor for any infringements of patents or other rights of third parties which may result from its use.
CUI products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
02/23/2006
1.01
new template applied
02/15/2012
1.02
updated housings
04/12/2012
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
For more information, please visit the product page.


Podobny numer części - SD-130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
SD-130 CUI-SD-130 Datasheet
316Kb / 5P
   SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-130 CUI-SD-130 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
Molex Electronics Ltd.
SD-130006-010 MOLEX11-SD-130006-010 Datasheet
164Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 4 Poles, 4.57m (15.0 ) Length, Zinc Coupling Nut
SD-130006-015 MOLEX11-SD-130006-015 Datasheet
156Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 3 Poles, 4.57m (15.0 ) Length
SD-130006-017 MOLEX11-SD-130006-017 Datasheet
165Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 5 Poles, 4.57M (15.0 ) Length
More results

Podobny opis - SD-130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com