Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6217TRPbF-1 Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF6217TRPbF-1
Szczegółowy opis  Industry-standard pinout SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6217TRPbF-1 Arkusz danych(HTML) 6 Page - International Rectifier

  IRF6217TRPbF-1 Datasheet HTML 1Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 2Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 3Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 4Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 5Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 6Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 7Page - International Rectifier IRF6217TRPbF-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
IRF6217PbF-1
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
5
10
15
20
25
30
35
Starting Tj, Junction Temperature
( C)
°
ID
TOP
BOTTOM
-0.6A
-1.1A
-1.4A
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
-VGS, Gate -to -Source Voltage (V)
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
ID = -0.7A
VGS = -10V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-ID , Drain Current (A)
1.80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
1.80
1.82
1.84
1.86
1.88
1.90
1.92
1.94
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-VGS
QG
QGS
QGD
VG
Charge
RG
IAS
0.01Ω
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
tp
V(BR)DSS
IAS


Podobny numer części - IRF6217TRPbF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6217TRPBF IRF-IRF6217TRPBF Datasheet
130Kb / 8P
   SMPS MOSFET
More results

Podobny opis - IRF6217TRPbF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
IRF7420PBF-1 IRF-IRF7420PBF-1_15 Datasheet
196Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7103PBF-1 IRF-IRF7103PBF-1_15 Datasheet
281Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8252PBF-1 IRF-IRF8252PBF-1_15 Datasheet
222Kb / 10P
   Industry-standard pinout SO-8 Package
IRF3717PBF-1 IRF-IRF3717PBF-1 Datasheet
258Kb / 10P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com