Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX4C0 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części CX4C0
Szczegółowy opis  Low loss coaxial cable offer an optimum attenuation performance in cable broadband communication networks where longer runs are required
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

CX4C0 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  CX4C0 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX4C0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Datasheet
CX4C0 (FB14)
CATV Trunk Cable
Rev. 2/ 2005-11-30 2/2
Belden Wire & Cable B.V. Netherlands Tel. +31-(0)77-3878-555 - Fax. +31-(0)77-3878-488 - E-mail: Venlo.salesinfo@beldencdt.com
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner.
All printing errors are subject to correction. Technical specifications are subject to change without notice.
Low loss coaxial cable offer an optimum attenuation performance in cable broadband
communication networks where longer runs are required. Designed according the
European Standard EN 50117-1 and draft EN 50117-2-4 May 2002, EN 50083-2/A1
Screening class A+
4
3.2
3.1
2
1
1. Conductor
2. Dielectric
3.1 Foil
3.2 Braid
4. Jacket
1. Inner Conductor Innenleiter - Conduttore Interno – Conducteur – Conductor - Проводник
Material
solid, bare copper
Diameter
2.23 mm
2. Dielectric Dielektrikum – Dielettrico – Diélectrique – Dieléctrico - Диэлектрик
Material
Gas injected PE
Diameter over insulation
10.2 mm
3. Outer Conductor Aussenleiter - Conduttore Esterno - Conducteur extérieur - Conductor externo - Внешний проводник
Material
foil + braid
Diameter screen
11.0 mm
3.1 Shielding foil
cu foil
Coverage:
100%
3.2 Shielding braid
bare copper braid
Coverage
60%
± 5%
4. Jacket Aussenmantel – Guaina Gaine – Revestimiento - Оболочка
Material
PE
Diameter:
13.80 + 0.2 mm
Color and text:
see table Marking
Electrical characteristics
Mean characteristic impedance:
75
± 3 Ω
Wellenwiderstand - Impedenza Caratteristica Principale
- Impédance nominale - Características eléctricas - Электрические
характеристики
Nominal capacitance conductor to shield:
54 pF/m
Kapazitaet - Capacità Nominale Conduttore/Schermo - Capacité nominale entre conducteur et blindage - Capacitancia nominal de
conductor a blindaje -
Номинальная емкость “проводник-экран”
Nominal velocity of propagation:
82%
Ausbreitungsgeschwindigkeit - Velocità Nominale di Propagazione - Vitesse de propagation nominale - Velocidad nominal de
propagación -
Номинальная скорость распространения сигнала
Max. DC loop resistance:
9.0
Ω/km
Application
Construction & Dimensions
Requirements and test methods


Podobny numer części - CX4C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Belden Inc.
CX4C0 BELDEN-CX4C0 Datasheet
138Kb / 2P
   CX4C0 - Broadband Coax 4, 11 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
More results

Podobny opis - CX4C0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
FN55 MACOM-FN55 Datasheet
47Kb / 3P
   High Performance, Low Loss Coaxial Cable
FN61 MACOM-FN61 Datasheet
47Kb / 3P
   High Performance, Low Loss Coaxial Cable
logo
Marki Microwave
C-0250 MARKIMICROWAVE-C-0250 Datasheet
355Kb / 2P
   Low Insertion Loss Broadband Performance
C-0265 MARKIMICROWAVE-C-0265 Datasheet
259Kb / 3P
   Low Insertion Loss Broadband Performance
logo
Dielectric Laboratories...
C18BL103X-4UN-X0B DILABS-C18BL103X-4UN-X0B Datasheet
200Kb / 1P
   Low loss resonance free performance in an MLC Structure
C18BL103X-4UN-X0T DILABS-C18BL103X-4UN-X0T Datasheet
195Kb / 1P
   Low loss resonance free performance in an MLC Structure
logo
Fairchild Semiconductor
FGD3N60UNDF FAIRCHILD-FGD3N60UNDF Datasheet
1Mb / 10P
   Using advanced NPT IGBT technology, Fairchild짰?셲 the NPT vIGBTs offer the optimum performance for low-power inverterdriven applications where low-losses and short-circuit ruggedness features are essential.
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com