Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM24LC02VN8A Arkusz danych(PDF) 9 Page - List of Unclassifed Manufacturers

Numer części AM24LC02VN8A
Szczegółowy opis  2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AM24LC02VN8A Arkusz danych(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AM24LC02VN8A Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 11Page - List of Unclassifed Manufacturers AM24LC02VN8A Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image

  x 
 
   !
P"!
ATC
!
 
 
7
15 (4X)
(4X)
D
PIN #1 INDENT O0.025 DEEP 0.006-0.008
E-PIN O0.118 NOTE 9
B2
B1
B
e
S
E
C
eB
#07%#:%#0#88#077%
#07%#:%##+-7%
%N0G:8%
0#
:0
0L
0#
:0
0L

−−
@@
−−
 !
!
@/
−−
!
−−

@!
@@
@
!
!@
!@/
G
@=
4=
=
!4
!/

G!
!4
!
!=

=
=
G
/!
PP
!!4
@
@P
4
+
 
 
@=
/
!
!4

P
P (
P@
@
@=
@(
7
(=
(P4
/ =
@
@!@
@ 
7!
=!
=@
=
 4
 
 /
4
−−
!
8
P
@@
@/!
!!
!@
!
G
/@/
//P
P4
@@
@
@(
%
(!
/4
P(
 /
@@
@/


Podobny numer części - AM24LC02VN8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anachip Corp
AM24LC02 ANACHIP-AM24LC02 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Podobny opis - AM24LC02VN8A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com