Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N27-G Arkusz danych(PDF) 3 Page - CT Micro International Corporation

Numer części 4N27-G
Szczegółowy opis  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTMICRO [CT Micro International Corporation]
Strona internetowa  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N27-G Arkusz danych(HTML) 3 Page - CT Micro International Corporation

  4N27-G Datasheet HTML 1Page - CT Micro International Corporation 4N27-G Datasheet HTML 2Page - CT Micro International Corporation 4N27-G Datasheet HTML 3Page - CT Micro International Corporation 4N27-G Datasheet HTML 4Page - CT Micro International Corporation 4N27-G Datasheet HTML 5Page - CT Micro International Corporation 4N27-G Datasheet HTML 6Page - CT Micro International Corporation 4N27-G Datasheet HTML 7Page - CT Micro International Corporation 4N27-G Datasheet HTML 8Page - CT Micro International Corporation 4N27-G Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
Apr, 2016
4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38
H11A1, H11A2, H11A3, H11A4, H11A5
DC Input 6-Pin Phototransistor Optocoupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.24
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVCEO
Collector-Emitter Breakdown
IC= 0.1mA
80
-
-
V
BVECO
Emitter-Collector Breakdown
IE= 0.1mA
7
-
-
V
BVCBO
Collector-Base Breakdown
IC= 0.1mA
80
-
-
V
BVEBO
Emitter-Base Breakdown
IE= 0.1mA
7
-
-
V
ICEO
Collector-Emitter
Dark Current
4N25,4N26,4N27,4N28
H11A1,A2,A3,A4,A5
VCE= 10V, IF=0mA
-
-
50
nA
4N35,4N36,4N37,4N38
VCE=60V, IF=0mA
-
-
50
nA
ICBO
Collector-Base Dark Current
VCB= 10V, IF=0mA
-
-
20
nA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current
Transfer
Ratio
4N35
IF= 10mA, VCE= 10V
100
-
-
%
4N25,4N26, 4N38,
H11A2, H11A3
20
-
-
4N27, 4N28, H11A4
10
-
-
H11A1
50
-
-
H11A5
30
-
-
4N36
IF= 2mA, VCE= 5V
130
-
260
4N37
200
-
400
VCE(SAT)
Collector-E
mitter
Saturation
Voltage
4N25,4N26,
4N27,4N28
IF= 50mA, IC= 2mA
-
-
0.5
V
4N35,4N36,4N37
IF= 10mA, IC= 0.5mA
-
-
0.3
H11A1,H11A2,
H11A3,H11A4,H11A5
-
-
0.4
4N38
IF= 20mA, IC= 4mA
-
-
1.0


Podobny numer części - 4N27-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
4N27-M FAIRCHILD-4N27-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Lite-On Technology Corp...
4N27-V LITEON-4N27-V Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Vishay Siliconix
4N27-X VISHAY-4N27-X Datasheet
166Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.2, 16-Jan-12
4N27-X VISHAY-4N27-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N27-X VISHAY-4N27-X Datasheet
153Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
More results

Podobny opis - 4N27-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CT Micro International ...
CNY17-1 CTMICRO-CNY17-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
CT827 CTMICRO-CT827 Datasheet
715Kb / 12P
   DC Input 8-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
   DC Input 4-Pin Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com