Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N28-G Arkusz danych(PDF) 4 Page - CT Micro International Corporation

Numer części 4N28-G
Szczegółowy opis  DC Input 6-Pin Phototransistor Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTMICRO [CT Micro International Corporation]
Strona internetowa  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

4N28-G Arkusz danych(HTML) 4 Page - CT Micro International Corporation

  4N28-G Datasheet HTML 1Page - CT Micro International Corporation 4N28-G Datasheet HTML 2Page - CT Micro International Corporation 4N28-G Datasheet HTML 3Page - CT Micro International Corporation 4N28-G Datasheet HTML 4Page - CT Micro International Corporation 4N28-G Datasheet HTML 5Page - CT Micro International Corporation 4N28-G Datasheet HTML 6Page - CT Micro International Corporation 4N28-G Datasheet HTML 7Page - CT Micro International Corporation 4N28-G Datasheet HTML 8Page - CT Micro International Corporation 4N28-G Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Apr, 2016
4N25, 4N26, 4N27, 4N28, 4N35, 4N36, 4N37, 4N38
H11A1, H11A2, H11A3, H11A4, H11A5
DC Input 6-Pin Phototransistor Optocoupler
Transfer Characteristics
RIO
Isolation Resistance
VIO= 500VDC
1x1011
CIO
Isolation Capacitance
f= 1MHz
0.25
pF
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ton
Turn On
Time
4N25,4N26,4N27,4N28
H11A1,A2,A3,A4,A5
IF= 10mA, VCC= 10V, RL=
100
-
4.3
9.8
µs
4N35,4N36,4N37,4N38
Ic= 2mA, VCC= 10V, RL=
100
-
9.8
11.5
toff
Turn Off
Time
4N25,4N26,4N27,4N28
H11A1,A2,A3,A4,A5
IF= 10mA, VCC= 10V, RL=
100
-
3.9
9.8
µs
4N35,4N36,4N37,4N38
Ic= 2mA, VCC= 10V, RL=
100
-
6.9
11.5


Podobny numer części - 4N28-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
4N28-M FAIRCHILD-4N28-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Lite-On Technology Corp...
4N28-V LITEON-4N28-V Datasheet
757Kb / 5P
   GENERAL PURPOSE TYPE PHOTOCOUPLER
logo
Vishay Siliconix
4N28-X VISHAY-4N28-X Datasheet
166Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.2, 16-Jan-12
4N28-X VISHAY-4N28-X Datasheet
152Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
4N28-X VISHAY-4N28-X Datasheet
153Kb / 7P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
More results

Podobny opis - 4N28-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CT Micro International ...
CNY17-1 CTMICRO-CNY17-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
CT827 CTMICRO-CT827 Datasheet
715Kb / 12P
   DC Input 8-Pin Phototransistor Optocoupler
CT817 CTMICRO-CT817 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT816D3 CTMICRO-CT816D3 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT851 CTMICRO-CT851 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
CT451 CTMICRO-CT451 Datasheet
1Mb / 12P
   DC Input 4-Pin Phototransistor Optocoupler
CT816 CTMICRO-CT816 Datasheet
1Mb / 16P
   DC Input 4-Pin Phototransistor Optocoupler
logo
List of Unclassifed Man...
4N2X ETC2-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
4N2X ETC1-4N2X Datasheet
654Kb / 17P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLER
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com