Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2743MTCX Arkusz danych(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2743MTCX
Szczegółowy opis  N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2743MTCX Arkusz danych(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2743MTCX Datasheet HTML 3Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 4Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 5Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 6Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 7Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 8Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 9Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 10Page - National Semiconductor (TI) LM2743MTCX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Typical Performance Characteristics (Continued)
Start-Up (No-Load)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
C
SS = 12nF, FSW = 300kHz
Start-Up (Full-Load)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
I
OUT = 4A, CSS = 12nF, FSW = 300kHz
20095248
20095249
Shutdown (Full-Load)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
I
OUT = 4A, CSS = 12nF, FSW = 300kHz
Load Transient Response (I
OUT =0Ato4A)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
C
SS = 12nF, FSW = 300kHz
20095250
20095251
Load Transient Response (I
OUT =4Ato0A)
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
C
SS = 12nF, FSW = 300kHz
Load Transient Response
V
CC = 3.3V, VIN = 5V, VOUT = 1.2V
C
SS = 12nF, FSW = 300kHz
20095252
20095253
www.national.com
7


Podobny numer części - LM2743MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI1-LM2743MTCX Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX/NOPB TI1-LM2743MTCX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Podobny opis - LM2743MTCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com