Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD18011AG Arkusz danych(PDF) 3 Page - LightKey Optoelectronics Ltd.

Numer części LD18011AG
Szczegółowy opis  1.80 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD18011AG Arkusz danych(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD18011AG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD18011AG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD18011AG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121495
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.80 inch Single Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage@
IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
5.4
6.6
30
360
25
100
Super Red
Per DP
1.8
2.2
30
120
25
100
Per Seg.
5.4
6.6
30
360
25
100
Hi-Red
Per DP
1.8
2.2
30
120
25
100
Per Seg.
6.3
7.5
30
480
30
100
Orange
Per DP
2.1
2.5
30
160
30
100
Per Seg.
6.3
7.5
30
480
30
100
Yellow
Per DP
2.1
2.5
30
160
30
100
Per Seg.
6.6
7.5
30
480
30
100
Green
Per DP
2.2
2.5
30
160
30
100
Per Seg.
5.7
7.8
30
360
30
100
Ultra Red
Per DP
1.9
2.6
30
120
30
100
Per Seg.
6
7.8
30
390
30
100
Ultra Orange
Per DP
2
2.6
30
130
30
100
Per Seg.
6
7.8
30
390
30
100
Ultra Amber
Per DP
2
2.6
30
130
30
100
Per Seg.
6
7.8
30
390
30
100
Ultra Yellow
Per DP
2
2.6
30
130
30
100
Per Seg.
6.3
7.8
30
450
30
100
Ultra Green
Per DP
2.1
2.6
30
150
30
100
Per Seg.
10.5
12
30
660
30
100
Pure Green
Per DP
3.5
4
30
220
30
100
Per Seg.
10.5
12
30
720
30
100
Ultra Blue
Per DP
3.5
4
30
240
30
100
Per Seg.
10.5
12
30
720
30
100
Ultra White
Per DP
3.5
4
30
240
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Podobny numer części - LD18011AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LD18011ABRG LIGHTKEY-LD18011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD18011ARG LIGHTKEY-LD18011ARG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD18011AURUG LIGHTKEY-LD18011AURUG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
More results

Podobny opis - LD18011AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LD18011ABRG LIGHTKEY-LD18011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD23011ABRG LIGHTKEY-LD23011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
logo
China Semiconductor Cor...
CSS-1814B7 CHINASEMI-CSS-1814B7 Datasheet
185Kb / 6P
   1.80 Inch Single Digit Display
logo
LightKey Optoelectronic...
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com