Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD18011BUO Arkusz danych(PDF) 2 Page - LightKey Optoelectronics Ltd.

Numer części LD18011BUO
Szczegółowy opis  1.80 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LIGHTKEY [LightKey Optoelectronics Ltd.]
Strona internetowa  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD18011BUO Arkusz danych(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD18011BUO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD18011BUO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD18011BUO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121495
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.80 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD18011A (Common Cathode)
LD18011B (Common Anode)
B
A
7
G
F
E
D
C
B
A
DP
G
F
E
D
C
64
3
210
9
8
7
6
4
3
29
1,5
1,5
DP
10
8
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 45.00mm(1.80inch), External Dimensions:
38.0x56.00x11.00mm (LxWxHmm)
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD18011AR
LD18011BR
GaAlAs
Super Red
640
18
22.5
8
10
LD18011AD
LD18011BD
GaAlAs
Hi-Red
640
40.5
56.25
18
25
LD18011AO
LD18011BO
GaAsP
Orange
625
15.75
20.25
7
9
LD18011AY
LD18011BY
GaAsP
Yellow
588
18
22.5
8
10
LD18011AG
LD18011BG
GaP
Green
568
15.75
20.25
7
9
LD18011AUR
LD18011BUR
AlGaInP
Ultra Red
640
67.5
101.3
30
45
LD18011AUO
LD18011BUO
AlGaInP
Ultra Orange
625
101.25
135
45
60
LD18011AUA
LD18011BUA
AlGaInP
Ultra Amber
605
67.5
101.3
30
45
LD18011AUY
LD18011BUY
AlGaInP
Ultra Yellow
595
67.5
101.3
30
45
LD18011AUG
LD18011BUG
AlGaInP
Ultra Green
573
67.5
101.3
30
45
LD18011APG
LD18011BPG
InGaN
Pure Green
525
270
675
120
300
LD18011AUB
LD18011BUB
InGaN
Ultra Blue
470
67.5
101.3
30
45
LD18011AUW
LD18011BUW
SMD
Ultra White
\
225
270
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Podobny numer części - LD18011BUO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LD18011BURUG LIGHTKEY-LD18011BURUG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
More results

Podobny opis - LD18011BUO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LightKey Optoelectronic...
LD18011ABRG LIGHTKEY-LD18011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
LD23011ABRG LIGHTKEY-LD23011ABRG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
logo
China Semiconductor Cor...
CSS-1814B7 CHINASEMI-CSS-1814B7 Datasheet
185Kb / 6P
   1.80 Inch Single Digit Display
logo
LightKey Optoelectronic...
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com