Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBFN0040U142-00G Arkusz danych(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Numer części DBFN0040U142-00G
Szczegółowy opis  0-10V Dimmable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Strona internetowa  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFN0040U142-00G Arkusz danych(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  DBFN0040U142-00G Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFN0040U142-00G Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFN0040U142-00G Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● Surge protection: Line to Line 2KV
● Safety: Meet UL / PSE
● EMI: Meet FCC / CE
● Warranty: 7 years@T.C<75℃ (refer to warranty policy)
● High Operating Ambient Temp.: 0℃~+50℃
● Dimming 0V-10V
● AC Input 100~277Vac
● Protection: SCP / OVP / OTP
INPUT VOLTAGE RANGE
DBFN0040U112-00G
45-DBFN Series
ELECTRICAL SPECIFICATION
DBFN0040U701-00G
39.2
0.7
● Built-in Active PFC Function
● Built-in : 24V/0.1A Max ( For Lighting Sensor )
1.35
DBFN0040U901-00G
1% Vo(max.)
DBFN0040U102-00G
±10%
87.0%
1% Vo(max.)
85.0%
1% Vo(max.)
1% Vo(max.)
0.9
DBFN0040U152-00G
DBFN0040U182-00G
87.0%
±10%
43.2
DBFN0040U142-00G
1.4
1
DBFNA040U142-00G
MODEL
PRODUCT SPECIFICATION
36
O/P NOISE(P-P,V)
EFFICIENCY
OUTPUT
CURRENT
TOLERANCE
±7%
1% Vo(max.)
87.0%
Range: 47-63Hz, Normal: 50-60Hz
90-305Vac, 127-431Vdc, Normal: 100-277Vac
1% Vo(max.)
37.8
INPUT FREQUENCY
87.0%
ACTIVE POWER FACTOR
87.0%
18-36
1.05
28-56
>0.9@Full Load 100-277Vac
40.5
±10%
±7%
15-30
18-36
42
36
1.8
DC OUTPUT
VOLTAGE(V)
1.5
OUTPUT
CURRENT(A)
±7%
15-30
0-10V Dimmable
Constant Current Mode
43.2
12-24
12-24
1% Vo(max.)
FEATURES:
● RoHS Compliant
87.0%
24-48
DC OUTPUT
POWER(W)
±7%
85.0%
1% Vo(max.)
±7%
(1) All parameters not specially mentioned are measured 230VAC input.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
DIMENSION (L*W*H)
ISOLATION RESISTANCE
SAFETY
RELATIVE HUMIDITY
STORAGE TEMP.
Meet FCC Part15 / Meet EN 55015
I/P-O/P:4242VDC, I/P-FG:2121VDC
372 * 30 * 27 mm【14.6 * 1.18 * 1.06 inch】
I/P-O/P, I/P-FG,O/P-FG :10M Ohms / 500VDC / 25℃ / 70% RH
INRUSH CURRENT (typ)
<15% at Full Load 277Vac
(5) Minimum load is NOT required for proper operation .
(6) 100% Production Tested.
OPERATING TEMP.
LEAKAGE CURRENT
OVER TEMP. PROTECTION
TURN ON DELAY TIME
AC CURRENT
SHORT CIRCUIT PROTECTION
EMI
ACTIVE POWER FACTOR
OVER VOLTAGE PROTECTION
>0.9@Full Load 100-277Vac
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
*REFERENCE: www.linkcom.com.tw
(4) Specified for free-air convection cooling.
THD
Meet UL 8750 / PSE
-20℃~+80℃
10% to +90%, non-cond.
SCP , OVP , OTP will restart automatically after the fault condition is removed
<0.75mA at 277Vac
0℃~+50℃@Full Load 120-277Vac
Cold Start 65A@230Vac
WITHSTAND VOLTAGE
<1S at Full Load 100-277Vac
0.7A / 100Vac 0.3A/277Vac
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Podobny numer części - DBFN0040U142-00G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
DBFN LINKCOM-DBFN Datasheet
637Kb / 6P
   Power Supply
DBFN-040U102 LINKCOM-DBFN-040U102 Datasheet
637Kb / 6P
   Power Supply
DBFN-040U142 LINKCOM-DBFN-040U142 Datasheet
637Kb / 6P
   Power Supply
DBFN-040U152 LINKCOM-DBFN-040U152 Datasheet
637Kb / 6P
   Power Supply
DBFN-040U182 LINKCOM-DBFN-040U182 Datasheet
637Kb / 6P
   Power Supply
More results

Podobny opis - DBFN0040U142-00G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
   0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
60W-DBFE LINKCOM-60W-DBFE Datasheet
472Kb / 5P
   0-10V Dimmable
40-DBFE LINKCOM-40-DBFE Datasheet
501Kb / 6P
   40W 0-10V Dimmable
logo
Dialog Semiconductor
IW3631 DIALOG-IW3631 Datasheet
381Kb / 7P
   Two-Stage, Flickerless??0-10V Dimmable Digital
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com