Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK319 Arkusz danych(PDF) 2 Page - Inchange Semiconductor Company Limited

Numer części 2SK319
Szczegółowy opis  Drain Current ?밒D=5A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ISC [Inchange Semiconductor Company Limited]
Strona internetowa  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK319 Arkusz danych(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK319 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK319 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK319
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
400
V
VGS(TH)
Gate Threshold Voltage
VDS= 10VGS; ID= 1mA
1.0
5.0
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 15V; ID= 3A
1.10
1.83
Ω
IGSS
Gate Source Leakage Current
VGS= ±20V; VDS= 0
±1
uA
IDSS
Zero Gate Voltage Drain Current
VDS=320V; VGS= 0
1
mA
VSD
Diode Forward Voltage
IF= 3A; VGS=0
0.85
V
tr
Rise time
VGS=15V;ID=2A;RL=15Ω
35
ns
ton
Turn-on time
50
ns
tf
Fall time
35
ns
toff
Turn-off time
120
ns
PDF pdfFactory Pro
www.fineprint.cn


Podobny numer części - 2SK319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SK319 HITACHI-2SK319 Datasheet
48Kb / 1P
   SILICON N-CHANNEL MOS FET (HIGH SPEED POWER SWITCHING)
logo
Panasonic Semiconductor
2SK3192 PANASONIC-2SK3192 Datasheet
93Kb / 4P
   Silicon N-channel power MOSFET
logo
Inchange Semiconductor ...
2SK3192 ISC-2SK3192 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3193 ISC-2SK3193 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanken electric
2SK3199 SANKEN-2SK3199 Datasheet
49Kb / 2P
   External dimensions
More results

Podobny opis - 2SK319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK1461 ISC-2SK1461 Datasheet
68Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1457 ISC-2SK1457 Datasheet
65Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1613 ISC-2SK1613 Datasheet
64Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1633 ISC-2SK1633 Datasheet
66Kb / 2P
   Drain Current ?밒D= 5A@ TC=25C
2SK1700 ISC-2SK1700 Datasheet
63Kb / 2P
   Drain Current ?밒D= 5A@ TC=25C
2SK632 ISC-2SK632 Datasheet
64Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK1322 ISC-2SK1322 Datasheet
65Kb / 2P
   Drain Current ?밒D= 5A@ TC=25C
2SK755 ISC-2SK755 Datasheet
67Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK845 ISC-2SK845 Datasheet
67Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK630 ISC-2SK630 Datasheet
64Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
2SK727 ISC-2SK727 Datasheet
57Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com