Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DBFE0060U152 Arkusz danych(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Numer części DBFE0060U152
Szczegółowy opis  0-10V Dimmable
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Strona internetowa  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFE0060U152 Arkusz danych(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  DBFE0060U152 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFE0060U152 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFE0060U152 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFE0060U152 Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFE0060U152 Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
● EMI: Meets CE / Meets FCC
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty: 3 years (refer to LinkCom warranty policy)
● 0-10V dimming
0.8 A / 110 Vac; 0.4 A / 230 Vac
WITHSTAND VOLTAGE
(6) 100% Production Tested.
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
RELATIVE HUMIDITY
SAFETY
10% to +90%, non-cond.
OVER VOLTAGE PROTECTION
I/P-O/P, I/P-FG,O/P-FG : >10M Ω / 500 Vdc / 25℃ / 70% RH
< 0.75 mA at 277 Vac
Meets FCC Part15 / Meets EN 55015
EMI
OPERATING TEMP.
OVER TEMP. PROTECTION
AC CURRENT
158 * 58 * 39.4 mm【6.22 * 2.28 * 1.55 inch】
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
(3) Ripple and Noise measured directly at pins/terminals at nom. load, pk-pk at 20MHz bandwidth.
*REFERENCE: www.linkcom.com.tw
DIMENSION (L*W*H)
I/P-O/P:4242 Vdc, I/P-FG:2500 Vdc,I/P-CASE : 2500 Vdc
-40 ℃ ~ +80 ℃
UL 8750
(1) All parameters specified at 230 Vac input unless otherwise noted.
STORAGE TEMP.
0-10V Dimmable
Constant Current Mode
33-42V
42-48V
86%
DC OUTPUT
POWER(W)
62.4
SHORT CIRCUIT PROTECTION
THD
60-DBFE Series
LEAKAGE CURRENT
DBFE0060U252
ACTIVE POWER FACTOR
INPUT VOLTAGE RANGE
INPUT FREQUENCY
INRUSH CURRENT (typ)
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
automatically after the fault condition is removed
DBFE0060U142
86%
2.7V
±5%
< 20% at Full Load 100-277 Vac
> 0.95 @ 110 Vac; > 0.9 @ 230 Vac
2V
PRODUCT SPECIFICATION
DBFE0060U132
DBFE0060U152
ISOLATION RESISTANCE
O/P NOISE
(pk-pk,V)
63.0
±5%
58.8
±5%
60.0
30-40V
-20℃ ~ +60 ℃ @ Full Load 110-277 Vac
DBFE0060U212
±5%
3.6V
2.1
24-30V
60.0
1.5
3000 ms at Full Load 115 Vac / 230 Vac
ELECTRICAL SPECIFICATION
TURN ON DELAY TIME
±5%
DBFE0050U432
4.3
Cold Start 50 A @ 230 Vac
OUTPUT
CURRENT
TOLERANCE
±5%
82%
61.2
30-36V
2.5
86%
Range: 47-63Hz, Normal: 50-60Hz
MODEL
3.6V
51.6
9-12V
DBFE0060U172
4.6V
±5%
OUTPUT
CURRENT(A)
86%
86%
EFFICIENCY
1.4
86%
19-24V
1.7
DC OUTPUT
VOLTAGE(V)
1.3
FEATURES:
● RoHS Compliant
● AC Input 90~305 Vac Nominal
● Built-in Active Power Factor Correction
● High Operating Ambient Temp.: -20℃~+60℃
● THD: <20% @ 277VAC Full Load
● Surge Protection: L-N 1 kV, L/N-FG 2 kV
● Protection: SCP / OVP / OTP
● Safety: UL
4.2V
4V
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Podobny numer części - DBFE0060U152

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
DBFE-0100U182-00 LINKCOM-DBFE-0100U182-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U202-00 LINKCOM-DBFE-0100U202-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U232-00 LINKCOM-DBFE-0100U232-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U272-00 LINKCOM-DBFE-0100U272-00 Datasheet
530Kb / 5P
   0-10V Dimmable
DBFE-0100U402-00 LINKCOM-DBFE-0100U402-00 Datasheet
530Kb / 5P
   0-10V Dimmable
More results

Podobny opis - DBFE0060U152

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
40W-DBFE LINKCOM-40W-DBFE Datasheet
416Kb / 5P
   0-10V Dimmable
100W-DBFE LINKCOM-100W-DBFE Datasheet
530Kb / 5P
   0-10V Dimmable
25W-DBFE LINKCOM-25W-DBFE Datasheet
462Kb / 5P
   0-10V Dimmable
45W-DBFN LINKCOM-45W-DBFN Datasheet
516Kb / 3P
   0-10V Dimmable
40-DBFE LINKCOM-40-DBFE Datasheet
501Kb / 6P
   40W 0-10V Dimmable
logo
Dialog Semiconductor
IW3631 DIALOG-IW3631 Datasheet
381Kb / 7P
   Two-Stage, Flickerless??0-10V Dimmable Digital
logo
Phihong USA Inc.
PDA060W-700B PHIHONG-PDA060W-700B Datasheet
216Kb / 4P
   60W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA040W-700B PHIHONG-PDA040W-700B Datasheet
264Kb / 4P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
PDA041W-700B PHIHONG-PDA041W-700B Datasheet
218Kb / 5P
   40W Dimmable Constant Current LED Driver Waterproof LED Driver with 0-10V Dimming
logo
Infineon Technologies A...
CDM10V-3 INFINEON-CDM10V-3 Datasheet
570Kb / 11P
   0-10V Dimming Solution
V1.0 2017-07-04
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com