Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLC7530S-500ML_ Arkusz danych(PDF) 3 Page - Coilcraft lnc.

Numer części SLC7530S-500ML_
Szczegółowy opis  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COILCRAFT [Coilcraft lnc.]
Strona internetowa  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SLC7530S-500ML_ Arkusz danych(HTML) 3 Page - Coilcraft lnc.

  SLC7530S-500ML_ Datasheet HTML 1Page - Coilcraft lnc. SLC7530S-500ML_ Datasheet HTML 2Page - Coilcraft lnc. SLC7530S-500ML_ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shielded Power Inductors - SLC7530 Series
Document 366-3 Revised 09/15/15
Document 366-3
Recommended
Land Pattern
0.295
7,50
max
0.118
3,00
max
0.067
1,70
0.264
6,70
max
Dash number
Internal code
XXXS
X
0.118
3,00
1
2
0.311
7,90
0.154
3,90
0.106
2,70
0.106
2,70
Dimensions – Single Conductor
Dimensions – Dual Conductor
1
4
2
3
Winding 1
Winding 2
1
2
Typical Temperature Rise vs Current
80
70
60
50
40
30
20
10
0
Current (Arms)
10
03040
20
50
60
SL
C7
53
0S
SL
C7
53
0D
Co
nn
ec
ted
in
pa
ral
lel
Recommended
Land Patterns
1
2
4
3
0.295
7,50
max
0.067
1,70
0.264
6,70
max
Dash
number
Internal
code
XXXD
X
Series mode
0.311
7,90
0.185
4,70
1
2
4
3
0.020
0,50
0.020
0,50
0.079
2,00
0.177
4,50
0.177
4,50
Two conductor mode
1
2
4
3
0.311
7,90
0.020
0,50
0.079
2,00
0.106
2,70
0.106
2,70
0.177
4,50
0.118
3,00
max
0.050
1,27
0.047
1,20
0.039
1,00
0.311
7,90
0.106
2,70
0.106
2,70
Parallel mode
Dimensions are in
inches
mm
Dimensions are in
inches
mm
Winding-to-winding isolation: 25 V
maximum


Podobny numer części - SLC7530S-500ML_

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
SLC7530S-500MLB COILCRAFT-SLC7530S-500MLB Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-500MLC COILCRAFT-SLC7530S-500MLC Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-500MLD COILCRAFT-SLC7530S-500MLD Datasheet
167Kb / 3P
   Shielded Power Inductors - SLC7530
SLC7530S-500ML_ COILCRAFT-SLC7530S-500ML_ Datasheet
429Kb / 3P
   Shielded Power Inductors
More results

Podobny opis - SLC7530S-500ML_

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com