Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC88FC2D0B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części LC88FC2D0B
Szczegółowy opis  16-bit Microcontroller 256K-byte Flash ROM / 24Kbyte RAM / 100-pin
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2D0B Arkusz danych(HTML) 4 Page - ON Semiconductor

  LC88FC2D0B Datasheet HTML 1Page - ON Semiconductor LC88FC2D0B Datasheet HTML 2Page - ON Semiconductor LC88FC2D0B Datasheet HTML 3Page - ON Semiconductor LC88FC2D0B Datasheet HTML 4Page - ON Semiconductor LC88FC2D0B Datasheet HTML 5Page - ON Semiconductor LC88FC2D0B Datasheet HTML 6Page - ON Semiconductor LC88FC2D0B Datasheet HTML 7Page - ON Semiconductor LC88FC2D0B Datasheet HTML 8Page - ON Semiconductor LC88FC2D0B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
LC88FC2D0B
www.onsemi.com
4
UART3
<1> Data length
: 8 bits (LSB first)
<2> Start bits
: 1 bit
<3> Stop bits
: 1/2 bit
<4> Parity bits
: None/even parity/odd parity
<5> Transfer rate : 8 to 4096 cycle
<6> Baudrate source clock: System clock/OSC0/OSC1/P36 input signal
<7> Wakeup function
<8> Full duplex communication
Note: The “cycle” refers to one period of the baudrate clock source.
 AD converter
<1> 12/8 bits resolution selectable
<2> Analog input: 16 channels
<3> Comparator mode
 PWM
PWM0: Multifrequency 12-bit PWM
 2 channels (PWM0A and PWM0B)
<1> 2-channel pairs controlled independently of one another
<2> Clock source selectable from system clock or OSC1
<3> 8-bit prescaler: TPWMR0= (prescaler value + 1)
 clock period
<4> 8-bit fundamental wave PWM generator circuit + 4-bit additional pulse generator circuit
<5> Fundamental wave PWM mode
Fundamental wave period : 16 TPWMR0 to 256 TPWMR0
High pulse width
: 0 to (Fundamental wave period - TPWMR0)
<6> Fundamental wave + additional pulse mode
Fundamental wave period : 16 TPWMR0 to 256 TPWMR0
Overall period
: Fundamental wave period
 16
High pulse width
: 0 to (Fundamental wave period - TPWMR0)
 CRC operating circuit
 Watchdog timer
<1> Driven by the base timer + internal watchdog timer dedicated counter
<2> Interrupt or reset mode selectable
 Infrared Remote Controller Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
s when the 32.768kHz crystal oscillator is
selected as the reference clock source)
2) Supports data encording systems such as PPM (Pulse Position Modulation) and Manchester encording
3) X’tal HOLD mode release function
 Internal Reset Function
Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected through option configuration.
Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage
falls below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level can be selected by option
configuration.
 Interrupts (peripheral function))
61 sources (33 modules), 14 vector addresses
<1> Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any
interrupt requests of the level equal to or lower than the current interrupt are not accepted.
<2> When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the
highest level takes precedence over the other interrupts. For interrupts of the same level, the
interrupt into the smallest vector address takes precedence.


Podobny numer części - LC88FC2D0B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2F0BUTJ-2H ONSEMI-LC88FC2F0BUTJ-2H Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
More results

Podobny opis - LC88FC2D0B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC88FC2F0B ONSEMI-LC88FC2F0B Datasheet
453Kb / 47P
   16-bit Microcontroller 384K-byte Flash ROM / 24Kbyte RAM / 100-pin
March 2016 - Rev. 0
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
STMicroelectronics
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
logo
Sanyo Semicon Device
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC875BP4A SANYO-LC875BP4A Datasheet
180Kb / 25P
   ROM 256K/224K/192K/176K byte, RAM 4096K byte on-chip 8-bit 1-chip Microcontroller
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
   16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com