Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBC34123-M5C-TR5 Arkusz danych(PDF) 2 Page - Cymbet Corporation

Numer części CBC34123-M5C-TR5
Szczegółowy opis  SPI Real-Time Clock/Calendar with Integrated Backup Power
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYMBET [Cymbet Corporation]
Strona internetowa  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC34123-M5C-TR5 Arkusz danych(HTML) 2 Page - Cymbet Corporation

  CBC34123-M5C-TR5 Datasheet HTML 1Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 2Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 3Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 4Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 5Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 6Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 7Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 8Page - Cymbet Corporation CBC34123-M5C-TR5 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CBC34123 EnerChip™ RTC
©2013-2015 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-31 V.13
Page 2 of 14
Preliminary
Figure 3: Internal Schematic of CBC34123 EnerChip RTC
Figure 2: CBC34123 Block Diagram with Registers
TIMER FUNCTION
Timer_clkout
0Eh
OFFSET FUNCTION
Offset_register
0Dh
Countdown_timer
0Fh
CONTROL
Control_1
00h
Control_2
01h
TIME
Seconds
02h
Minutes
03h
Hours
04h
Days
05h
Weekdays
06h
Months
07h
üü
08h
ALARM FUNCTION
Minute_alarm
09h
Hour_alarm
0Ah
Day_alarm
0Bh
Weekday_alarm
0Ch
SPI
INTERFACE
WATCH
DOG
OSCILLATOR
32.768 kHz
MONITOR
DIVIDER
CLOCKOUT
INTERRUPT
CE
SCL
SDI
SDO
OSCI
OSCO
POWERON
RESET
INT
CLKOE
CLKOUT
VDD
VSS
TEST
ENERCHIP
AND
CHARGER
EN
RESET
VEC
VCHG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Podobny numer części - CBC34123-M5C-TR5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC34123-M5C-TR5 CYMBET-CBC34123-M5C-TR5 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
More results

Podobny opis - CBC34123-M5C-TR5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC34813 CYMBET-CBC34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC34123 CYMBET-CBC34123 Datasheet
480Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-38 CYMBET-DS-72-38 Datasheet
1Mb / 18P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
1Mb / 40P
   SPI Real time clock / calendar
Rev.00.11-30 January 2007
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com