Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBC005-BDC-WP Arkusz danych(PDF) 9 Page - Cymbet Corporation

Numer części CBC005-BDC-WP
Szczegółowy opis  Rechargeable Solid State Bare Die Batteries
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYMBET [Cymbet Corporation]
Strona internetowa  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC005-BDC-WP Arkusz danych(HTML) 9 Page - Cymbet Corporation

Back Button CBC005-BDC-WP Datasheet HTML 5Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 6Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 7Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 8Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 9Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 10Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 11Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 12Page - Cymbet Corporation CBC005-BDC-WP Datasheet HTML 13Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
EnerChip™ Bare Die Batteries
©2016 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-41 Rev06
Page 9 of 13
Preliminary
BARE DIE DELIVERY OPTIONS
EnerChip bare die applications often require custom procedures and significant variation exists among package
vendors and assembly equipment, making specific guidelines difficult. Contact Cymbet Application Engineering
to review handling, wirebonding, bumping, and assembly guidelines.
Bare die undergo the following screening procedures prior to leaving the manufacturing facility:
• Electrical test to ensure the cell is not shorted, open, and is within the specification limits of cell resistance.
• MIL-STD-883 optical inspection.
BARE DIE HANDLING GUIDELINES
• When unpacking, storing, inspecting, or handling bare die EnerChips, all operations should be performed
in a Class-1,000 (or better) clean room - ISO 6 equivalent.
• When removing die from waffle packs, use the minimum downward force possible with the handling
mechanism.
• Handling and insertion forces need to be kept to a minimum to reduce damage to the device materials.
• Tool recommendations: Use pick-and-place tool having a “soft” tip, e.g., rubber or other pliable material.
• EnerChips are sensitive to electrostatic discharge (ESD) and should always be handled in an ESD-
controlled environment.
• EnerChips should be stored in a humidity-controlled environment to prevent excess moisture from
penetrating the EnerChip.
• Never use tweezers (or other mechanical means) on the film surface of the bare die. When using
mechanical means (vs. vacuum pick and place tool) always pick up EnerChip bare by the outside edges of
the part.
DIE BUMPING AND WIREBONDING
EnerChip bare die have bond pads that are suitable for either wirebonding. The pad structure on the EnerChip
bare die described in this datasheet are designed for wire bonds. With only two bond pads on an EnerChip die,
gold stud bumping is not suggested as it would yield a mechanically unsound configuration.
Bond pads are made of aluminum with a small amount of silicon and copper and therefore either gold or alumi-
num wires may be attached to the bond pad.
Standard wirebond machine and process settings are generally applicable when wirebonding to EnerChip die.
When placing EnerChip die onto the die attach material, use the minimum downward force possible. Ensure
there is a uniform coating of die attach material on the substrate (i.e., no voids or gaps) and that the die attach
material extends to the edge of the EnerChip die during die placement.
Recommended wirebond process time and temperatures are as follows:
Die Attach Epoxy Cure
190°C +/- 10°C for 1.5 hours
Wirebond
Pre-heat:
190°C
Wirebond:
200°C
Post-heat:
190°C
Package Epoxy Cure
175°C +/- 10°C


Podobny numer części - CBC005-BDC-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cymbet Corporation
CBC005-BDC-WP CYMBET-CBC005-BDC-WP Datasheet
369Kb / 3P
   Rechargeable Energy Storage Device: 5Ah, 3.8V
More results

Podobny opis - CBC005-BDC-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
B73180A0101M062 TDK-B73180A0101M062 Datasheet
151Kb / 2P
   SMD Solid-State Batteries
April 06, 2022
logo
Panasonic Battery Group
NBL414 PANASONICBATTERY-NBL414 Datasheet
26Kb / 1P
   Niobium-Lithium Rechargeable Batteries
logo
Cymbet Corporation
CBC012 CYMBET-CBC012 Datasheet
695Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
CBC050 CYMBET-CBC050 Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
DS-72-02 CYMBET-DS-72-02 Datasheet
679Kb / 5P
   Rechargeable Solid State Energy Storage: 12uAh, 3.8V
logo
Panasonic Battery Group
MT621 PANASONICBATTERY-MT621 Datasheet
37Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
MT516 PANASONICBATTERY-MT516 Datasheet
27Kb / 1P
   Manganese Titanium Lithium Rechargeable Batteries
logo
List of Unclassifed Man...
ML2016 ETC2-ML2016 Datasheet
134Kb / 4P
   Lithium Manganese Dioxide Rechargeable Batteries
logo
Silicon Supplies
BC546 SS-BC546 Datasheet
362Kb / 4P
   NPN Transistor Bare Die
2N3799 SS-2N3799 Datasheet
256Kb / 3P
   PNP Transistor Bare Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com