Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24V01A Arkusz danych(PDF) 1 Page - Cypress Semiconductor

Numer części FM24V01A
Szczegółowy opis  128-Kbit (16K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V01A Arkusz danych(HTML) 1 Page - Cypress Semiconductor

  FM24V01A Datasheet HTML 1Page - Cypress Semiconductor FM24V01A Datasheet HTML 2Page - Cypress Semiconductor FM24V01A Datasheet HTML 3Page - Cypress Semiconductor FM24V01A Datasheet HTML 4Page - Cypress Semiconductor FM24V01A Datasheet HTML 5Page - Cypress Semiconductor FM24V01A Datasheet HTML 6Page - Cypress Semiconductor FM24V01A Datasheet HTML 7Page - Cypress Semiconductor FM24V01A Datasheet HTML 8Page - Cypress Semiconductor FM24V01A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FM24V01A
128-Kbit (16K × 8) Serial (I2C) F-RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-90869 Rev. *H
Revised January 14, 2016
128-Kbit (16K × 8) Serial (I2C) F-RAM
Features
128-Kbit ferroelectric random access memory (F-RAM)
logically organized as 16K × 8
High-endurance 100 trillion (1014) read/writes
151-year data retention (See the Data Retention and
Endurance table)
NoDelay™ writes
Advanced high-reliability ferroelectric process
Fast two-wire serial interface (I2C)
Up to 3.4-MHz frequency[1]
Direct hardware replacement for serial EEPROM
Supports legacy timings for 100 kHz and 400 kHz
Device ID
Manufacturer ID and Product ID
Low power consumption
175-A active current at 100 kHz
150-A standby current
8-A sleep mode current
Low-voltage operation: VDD = 2.0 V to 3.6 V
Industrial temperature: –40 C to +85 C
8-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Description
The FM24V01A is a 128-Kbit nonvolatile memory employing an
advanced ferroelectric process. An F-RAM is nonvolatile and
performs reads and writes similar to a RAM. It provides reliable
data retention for 151 years while eliminating the complexities,
overhead, and system-level reliability problems caused by
EEPROM and other nonvolatile memories.
Unlike EEPROM, the FM24V01A performs write operations at
bus speed. No write delays are incurred. Data is written to the
memory array immediately after each byte is successfully
transferred to the device. The next bus cycle can commence
without the need for data polling. In addition, the product offers
substantial write endurance compared with other nonvolatile
memories. F-RAM also exhibits much lower power during writes
than EEPROM because write operations do not require an
internally elevated power supply voltage for write circuits. The
FM24V01A is capable of supporting 1014 read/write cycles, or
100 million times more write cycles than EEPROM.
These capabilities make the FM24V01A ideal for nonvolatile
memory applications, requiring frequent or rapid writes.
Examples range from data logging, where the number of write
cycles may be critical, to demanding industrial controls where the
long write time of EEPROM can cause data loss. The
combination of features allows more frequent data writing with
less overhead for the system.
The FM24V01A provides substantial benefits to users of serial
EEPROM as a hardware drop-in replacement. The device
incorporates a read-only Device ID that allows the host to
determine the manufacturer, product density, and product
revision. The device specifications are guaranteed over an
industrial temperature range of –40
C to +85 C.
For a complete list of related resources, click here.
Logic Block Diagram
Address
Latch
16 K x 8
F-RAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A0-A2
Device ID and
Manufacturer ID
8
14
8
Note
1. The FM24V01A does not meet the NXP I2C specification in the Fast-mode Plus (Fm+, 1 MHz) for IOL and in the High Speed Mode (Hs-mode, 3.4 MHz) for Vhys. Refer
to the DC Electrical Characteristics table for more details.


Podobny numer części - FM24V01A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM24V01 RAMTRON-FM24V01 Datasheet
317Kb / 14P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V01-G CYPRESS-FM24V01-G Datasheet
389Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM24V01-GTR CYPRESS-FM24V01-GTR Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results

Podobny opis - FM24V01A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com