Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24V02A-GTR Arkusz danych(PDF) 6 Page - Cypress Semiconductor

Numer części FM24V02A-GTR
Szczegółowy opis  256-Kbit (32K 횞 8) Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02A-GTR Arkusz danych(HTML) 6 Page - Cypress Semiconductor

Back Button FM24V02A-GTR Datasheet HTML 2Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 3Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 4Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 5Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 6Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 7Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 8Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 9Page - Cypress Semiconductor FM24V02A-GTR Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
FM24V02A
Document Number: 001-90839 Rev. *G
Page 6 of 19
High Speed Mode (Hs-mode)
The FM24V02A supports a 3.4-MHz high-speed mode. A master code (00001XXXb) must be issued to place the device into the
high-speed mode. Communication between master and slave will then be enabled for speeds up to 3.4-MHz. A STOP condition will
exit Hs-mode. Single- and multiple-byte reads and writes are supported.
Slave Device Address
The first byte that the FM24V02A expects after a START
condition is the slave address. As shown in Figure 7, the slave
address contains the device type or slave ID, the device select
address bits, and a bit that specifies if the transaction is a read
or a write.
Bits 7-4 are the device type (slave ID) and should be set to 1010b
for the FM24V02A. These bits allow other function types to
reside on the two-wire bus within an identical address range. Bits
3-1 are the device select address bits. They must match the
corresponding value on the external address pins to select the
device. Up to eight FM24V02A devices can reside on the same
two-wire bus by assigning a different address to each. Bit 0 is the
read/write bit (R/W). R/W = ‘1’ indicates a read operation and
R/W = ‘0’ indicates a write operation.
Addressing Overview
After the FM24V02A (as receiver) acknowledges the slave
address, the master can place the memory address on the bus
for a write operation. The address requires two bytes. The
complete 15-bit address is latched internally. Each access
causes the latched address value to be incremented automati-
cally. The current address is the value that is held in the latch;
either a newly written value or the address following the last
access. The current address will be held for as long as power
remains or until a new value is written. Reads always use the
current address. A random read address can be loaded by
beginning a write operation as explained below.
After transmission of each data byte, just prior to the
acknowledge, the FM24V02A increments the internal address
latch. This allows the next sequential byte to be accessed with
no additional addressing. After the last address (7FFFh) is
reached, the address latch will roll over to 0000h. There is no
limit to the number of bytes that can be accessed with a single
read or write operation.
Figure 5. Acknowledge on the I2C Bus
handbook, full pagewidth
S
START
Condition
9
8
2
1
Clock pulse for
acknowledgement
No Acknowledge
Acknowledge
DATA OUTPUT
BY MASTER
DATA OUTPUT
BY SLAVE
SCL FROM
MASTER
Figure 6. Data Transfer Format in Hs-mode
handbook, full pagewidth
F/S-mode
Hs-mode
F/S-mode
01
/
A
1
DATA
n (bytes
+ack.)
W
/
R
S
MASTER CODE
S
SLAVE ADD.
Hs-mode continues
S
SLAVE ADD.
P
No Acknowledge
Acknowledge or
No Acknowledge
Figure 7. Memory Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A0
A1
Device Select


Podobny numer części - FM24V02A-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results

Podobny opis - FM24V02A-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
CY15B128J CYPRESS-CY15B128J Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY14V256LA CYPRESS-CY14V256LA Datasheet
491Kb / 22P
   256-Kbit (32K 횞 8) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com