Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25V02A-DGTR Arkusz danych(PDF) 7 Page - Cypress Semiconductor

Numer części FM25V02A-DGTR
Szczegółowy opis  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A-DGTR Arkusz danych(HTML) 7 Page - Cypress Semiconductor

Back Button FM25V02A-DGTR Datasheet HTML 3Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 4Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 5Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 6Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 7Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 8Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 9Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 10Page - Cypress Semiconductor FM25V02A-DGTR Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 7 of 23
Status Register and Write Protection
The write protection features of the FM25V02A are multi-tiered and are enabled through the status register. The status register is
organized as follows (the default value shipped from the factory for bits in the status register is ‘0’):
Bits 0 and 4-6 are fixed at ‘0’; none of these bits can be modified.
Note that bit 0 ("Ready or Write in progress” bit in serial flash and
EEPROM) is unnecessary, as the F-RAM writes in real-time and
is never busy, so it reads out as a ‘0’. An exception to this is when
the device is waking up from sleep mode, which is described in
Sleep Mode on page 10. The BP1 and BP0 control the software
write-protection features and are nonvolatile bits. The WEL flag
indicates the state of the Write Enable Latch. Attempting to
directly write the WEL bit in the Status Register has no effect on
its state. This bit is internally set and cleared via the WREN and
WRDI commands, respectively.
BP1 and BP0 are memory block write protection bits. They
specify portions of memory that are write-protected as shown in
Table 4.
The BP1 and BP0 bits and the Write Enable Latch are the only
mechanisms that protect the memory from writes. The remaining
write protection features protect inadvertent changes to the block
protect bits.
The write protect enable bit (WPEN) in the Status Register
controls the effect of the hardware write protect (WP) pin. When
the WPEN bit is set to '0', the status of the WP pin is ignored.
When the WPEN bit is set to '1', a LOW on the WP pin inhibits a
write to the Status Register. Thus the Status Register is
write-protected only when WPEN = '1' and WP = '0'.
Table 5 summarizes the write protection conditions.
RDSR - Read Status Register
The RDSR command allows the bus master to verify the
contents of the Status Register. Reading the status register
provides
information
about
the
current
state
of
the
write-protection features. Following the RDSR opcode, the
FM25V02A will return one byte with the contents of the Status
Register.
WRSR - Write Status Register
The WRSR command allows the SPI bus master to write into the
Status Register and change the write protect configuration by
setting the WPEN, BP0, and BP1 bits as required. Prior to
issuing a WRSR command, the WP pin must be HIGH or
inactive. Note that on the FM25V02A, WP only prevents writing
to the Status Register, not the memory array. Before sending the
WRSR command, the user must send a WREN command to
enable writes. Executing a WRSR command is a write operation
and therefore, clears the Write Enable Latch.
Table 2. Status Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WPEN (0)
X (0)
X (0)
X (0)
BP1 (0)
BP0 (0)
WEL (0)
X (0)
Table 3. Status Register Bit Definition
Bit
Definition
Description
Bit 0
Don’t care
This bit is non-writable and always returns ‘0’ upon read.
Bit 1 (WEL)
Write Enable
WEL indicates if the device is write enabled. This bit defaults to ‘0’ (disabled) on power-up.
WEL = '1' --> Write enabled
WEL = '0' --> Write disabled
Bit 2 (BP0)
Block Protect bit ‘0’
Used for block protection. For details, see Table 4 on page 7.
Bit 3 (BP1)
Block Protect bit ‘1’
Used for block protection. For details, see Table 4 on page 7.
Bit 4-6
Don’t care
These bits are non-writable and always return ‘0’ upon read.
Bit 7 (WPEN)
Write Protect Enable bit Used to enable the function of Write Protect Pin (WP). For details, see Table 5 on page 7.
Table 4. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
6000h to 7FFFh (upper 1/4)
1
0
4000h to 7FFFh (upper 1/2)
1
1
0000h to 7FFFh (all)
Table 5. Write Protection
WEL WPEN WP
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected


Podobny numer części - FM25V02A-DGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Podobny opis - FM25V02A-DGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com