Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25V40-DCG Arkusz danych(PDF) 10 Page - Cypress Semiconductor

Numer części FM25V40-DCG
Szczegółowy opis  4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V40-DCG Arkusz danych(HTML) 10 Page - Cypress Semiconductor

Back Button FM25V40-DCG Datasheet HTML 6Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 7Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 8Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 9Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 10Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 11Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 12Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 13Page - Cypress Semiconductor FM25V40-DCG Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PRELIMINARY
FM25V40
Document Number: 001-87288 Rev. *A
Page 10 of 23
HOLD Pin Operation
The HOLD pin can be used to interrupt a serial operation without
aborting it. If the bus master pulls the HOLD pin LOW while SCK
is LOW, the current operation will pause. Taking the HOLD pin
HIGH while SCK is LOW will resume an operation. The
transitions of HOLD must occur while SCK is LOW, but the SCK
and CS pin can toggle during a hold state.
Figure 13. Fast Read Operation
CS
SCK
SO
0123
4
5
6
7
0
7
6
5
4
3
2
1
20212223 24 25 26 27 28 29 30 31
Data
SI
Opcode
0
0
0
0
101
XX
X
X
A17
1
A18
A16
A3
A1
A2
A0
19-bit Address
MSB
LSB
MSB
LSB
D0
D1
D2
D3
D4
D5
D6
D7
0123
45
67
X
X
X
X
X
X
X
X
Dummy Byte
HI-Z
X
Figure 14. HOLD Operation[2]
CS
SCK
HOLD
SO
SI
VALID IN
VALID IN
Note
2. Figure shows HOLD operation for input mode and output mode.


Podobny numer części - FM25V40-DCG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25V01 RAMTRON-FM25V01 Datasheet
407Kb / 15P
   128Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V01 CYPRESS-FM25V01 Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01 CYPRESS-FM25V01 Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
508Kb / 15P
   128Kb Serial 3V F-RAM Memory
FM25V01-G CYPRESS-FM25V01-G Datasheet
471Kb / 18P
   128Kb Serial 3V F-RAM Memory
More results

Podobny opis - FM25V40-DCG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com